Electronic Components Datasheet Search
  English  ▼

X  

38B7 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 38B7
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 60Page - Renesas Technology Corp 38B7 Datasheet HTML 61Page - Renesas Technology Corp 38B7 Datasheet HTML 62Page - Renesas Technology Corp 38B7 Datasheet HTML 63Page - Renesas Technology Corp 38B7 Datasheet HTML 64Page - Renesas Technology Corp 38B7 Datasheet HTML 65Page - Renesas Technology Corp 38B7 Datasheet HTML 66Page - Renesas Technology Corp 38B7 Datasheet HTML 67Page - Renesas Technology Corp 38B7 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 415 page
background image
HARDWARE
38B7 Group User’s Manual
1-41
FUNCTIONAL DESCRIPTION
b7
b7
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Transmit shift register shift completion flag (TSC)
0: Transmit shift in progress
1: Transmit shift completed
Overrun error flag (OE)
0: No error
1: Overrun error
Parity error flag (PE)
0: No error
1: Parity error
Framing error flag (FE)
0: No error
1: Framing error
Summing error flag (SE)
0: (OE) U (PE) U (FE)=0
1: (OE) U (PE) U (FE)=1
Not used (returns “1” when read)
Serial I/O2 status register
(SIO2STS : address 001E16)
Serial I/O2 control register
(SIO2CON : address 001D16)
b0
b0
b7
UART control register
(UARTCON : address 003816)
Character length selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit (PARE)
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit (PARS)
0: Even parity
1: Odd parity
Stop bit length selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
P65/TXD P-channel output disable bit (POFF)
0: CMOS output (in output mode)
1: N-channel open-drain output (in output mode)
BRG clock switch bit
0: XIN or XCIN (depends on internal system clock)
1: XCIN
Serial I/O2 clock I/O pin selection bit
0: SCLK21 (P67/SCLK22 pin is used as I/O port or SRDY2 output pin.)
1: SCLK22 (P66/SCLK21 pin is used as I/O port.)
Not used (return “1” when read)
b0
BRG count source selection bit (CSS)
0: f(XIN) or f(XCIN)/2 or f(XCIN)
1: f(XIN)/4 or f(XCIN)/8 or f(XCIN)/4
Serial I/O2 synchronous clock selection bit (SCS)
0: BRG/ 4
(when clock synchronous serial I/O is selected)
BRG/16 (UART is selected)
1: External clock input
(when clock synchronous serial I/O is selected)
External clock input/16 (UART is selected)
SRDY2 output enable bit (SRDY)
0: P67 pin operates as ordinary I/O pin
1: P67 pin operates as SRDY2 output pin
Transmit interrupt source selection bit (TIC)
0: Interrupt when transmit buffer has emptied
1: Interrupt when transmit shift operation is completed
Transmit enable bit (TE)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (RE)
0: Receive disabled
1: Receive enabled
Serial I/O2 mode selection bit (SIOM)
0: Asynchronous serial I/O (UART)
1: Clock synchronous serial I/O
Serial I/O2 enable bit (SIOE)
0: Serial I/O2 disabled
(pins P64 to P67 operate as ordinary I/O pins)
1: Serial I/O2 enabled
(pins P64 to P67 operate as serial I/O pins)
Fig. 40 Structure of serial I/O2 related register
sNotes
When setting the transmit enable bit to “1”, the serial I/O2 transmit
interrupt request bit is automatically set to “1”. When not requiring
the interrupt occurrence synchronized with the transmission enabled,
take the following sequence.
➀ Set the serial I/O1 transmit interrupt enable bit to “0” (disabled).
➁ Set the transmit enable bit to “1”.
➂ Set the serial I/O1 transmit interrupt request bit to “0” after 1 or
more instructions have been executed.
➃ Set the serial I/O1 tranmit interrupt enable bit to “1” (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com