Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 428Page - Renesas Technology Corp 7733 Datasheet HTML 429Page - Renesas Technology Corp 7733 Datasheet HTML 430Page - Renesas Technology Corp 7733 Datasheet HTML 431Page - Renesas Technology Corp 7733 Datasheet HTML 432Page - Renesas Technology Corp 7733 Datasheet HTML 433Page - Renesas Technology Corp 7733 Datasheet HTML 434Page - Renesas Technology Corp 7733 Datasheet HTML 435Page - Renesas Technology Corp 7733 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–25
17.1.5 I/O expansion example
(1) Port expansion example where the M66010FP is used
Fig. 17.1.19 shows a port expansion example where the M66010FP is used. The frequency of a
transmit clock for serial I/O must be 1.923 MHz or less.
Serial I/O control in this expansion example is described below.
In this expansion example, 8-bit data transmission/reception is performed three times by using
UART0, and so ports expand by 24 bits. UART0 is set as follows:
q Clock synchronous serial I/O mode is selected. Transmission/Reception is enabled.
q An internal clock is selected. Transfer rate = 1.5625 MHz
q LSB first is selected.
The control procedure is as follows:
Œ “L” level is output from port P45.
(By this signal, the expanded I/O ports of the M66010FP enter a floating state.)
 “H” level is output from port P45.
Ž “L” level is output from port P44.
 24-bit data is transmitted/received using UART0.
 “H” level is output from port P44.
Fig. 17.1.20 shows the timing of serial transfer between the M37733MHBXXXFP and M66010FP.
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com