Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 505Page - Renesas Technology Corp 7733 Datasheet HTML 506Page - Renesas Technology Corp 7733 Datasheet HTML 507Page - Renesas Technology Corp 7733 Datasheet HTML 508Page - Renesas Technology Corp 7733 Datasheet HTML 509Page - Renesas Technology Corp 7733 Datasheet HTML 510Page - Renesas Technology Corp 7733 Datasheet HTML 511Page - Renesas Technology Corp 7733 Datasheet HTML 512Page - Renesas Technology Corp 7733 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 940 page
background image
BUILT-IN PROM VERSION
7733 Group User’s Manual
19-3
19.1 EPROM mode
19.1 EPROM mode
The built-in PROM version has the following two modes :
qNormal operating mode
The microcomputer has the same function as the mask ROM version.
qEPROM mode
Programming to the built-in PROM can be performed. The built-in PROM version enters this mode
______
when “L” level is input to pin RESET.
19.1.1 Pin description
Table 19.1.1 lists the pin description in the EPROM mode.
In the normal operating mode, each pin has the same function as the mask ROM version.
Functions
Apply 5 V ± 10% to pin Vcc, and 0 V to pin Vss.
Apply VPP level when programming or verifying.
Connect to pin Vss.
Connect pins XIN and XOUT via a ceramic resonator
or a quartz-crystal oscillator. When an external clock
is used, the clock should be input to pin XIN, and
pin XOUT should be left open.
Open.
Connect pin AVcc to pin Vcc and pin AVss to pin
Vss.
Connect to pin Vss.
Input pins for low-order 8 bits (A0–A7) of address
Input pins for middle-order 8 bits (A8–A15) of address
I/O pins for 8-bit data (D0–D7)
Input pin for the most significant bit (A16) address
Connect to pin Vss.
Connect to pin Vss.
_____
P50, P51 and P52 respectively function as PGM,
___
___
OE
and CE input pins. Connect P53–P56 to pin
Vcc, and P57 to pin Vss.
Connect to pin Vss.
Connect to pin Vss.
Connect to pin Vss.
Pin
Vcc, Vss
CNVss
BYTE
______
RESET
XIN
XOUT
E
AVcc, AVss
VREF
P00–P07
P10–P17
P20–P27
P30
P31–P33
P40–P47
P50–P57
P60–P67
P70–P77
P80–P87
Input/Output
––
Input
Input
Input
Output
Output
––
Input
Input
Input
I/O
Input
Input
Input
Input
Input
Input
Input
Name
Power source input
VPP input
Reset input
Clock input
Clock output
Enable output
Analog power source input
Reference voltage input
Address input (A0–A7)
Address input (A8–A15)
Data input/output (D0–D7)
Address input (A16)
Input port P3
Input port P4
Control input
Input port P6
Input port P7
Input port P8
Table 19.1.1 Pin description in EPROM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com