Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 509Page - Renesas Technology Corp 7733 Datasheet HTML 510Page - Renesas Technology Corp 7733 Datasheet HTML 511Page - Renesas Technology Corp 7733 Datasheet HTML 512Page - Renesas Technology Corp 7733 Datasheet HTML 513Page - Renesas Technology Corp 7733 Datasheet HTML 514Page - Renesas Technology Corp 7733 Datasheet HTML 515Page - Renesas Technology Corp 7733 Datasheet HTML 516Page - Renesas Technology Corp 7733 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 940 page
background image
BUILT-IN PROM VERSION
7733 Group User’s Manual
19-7
(1) Read
___
___
When pins CE and OE are set to “L” level and an address is input to address input pins, the contents
___
___
of the built-in PROM can be read from data I/O pins; When pins CE and OE are set to “H” level, data
I/O pins enter the floating state.
(2) Program
___
___
When pin CE is set to “L” level, pin OE is set to “H” level, and VPP level is applied to pin VPP,
programming to the PROM can be performed.
Input an address to address input pins and supply data to be programmed to data I/O pins in 8-bit
____
parallel. On this condition, when pin PGM is set to “L” level, the data is programmed into the built-in
PROM.
(3) Erase (Available only in EPROM version)
The contents of the built-in PROM is erased by exposing the glass window on top of the package to
an ultraviolet light which has a wave length of 2537 Angstrom. The light must be 15 W•s/cm2 or more.
Table 19.1.4 I/O signals in EPROM mode
Pin name
Data I/O
Output
Floating
Floating
Input
Output
Floating
VIL
VIL
VIH
VIL
VIL
VIH
VIL
VIH
X
VIH
VIL
VIH
X
X
X
VIL
VIH
VIH
5 V
5 V
5 V
12.5 V
12.5 V
12.5 V
Vcc
VPP
PGM
CE
5 V
5 V
5 V
6 V
6 V
6 V
OE
19.1 EPROM mode
X : It may be VIL or VIH.
Mode
Read-out
Output
disable
Program
Program verify
Program disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com