Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 510Page - Renesas Technology Corp 7733 Datasheet HTML 511Page - Renesas Technology Corp 7733 Datasheet HTML 512Page - Renesas Technology Corp 7733 Datasheet HTML 513Page - Renesas Technology Corp 7733 Datasheet HTML 514Page - Renesas Technology Corp 7733 Datasheet HTML 515Page - Renesas Technology Corp 7733 Datasheet HTML 516Page - Renesas Technology Corp 7733 Datasheet HTML 517Page - Renesas Technology Corp 7733 Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 940 page
background image
BUILT-IN PROM VERSION
7733 Group User’s Manual
19-8
19.1.3 Programming algorithm to built-in PROM
Œ Set Vcc = 6 V, VPP = 12.5 V, and address to 0100016. (Refer to Table 19.1.3.)
 After applying a programming pulse of 0.2 ms, check whether data can be read or not.
Ž If the data cannot be read, apply a programming pulse of 0.2 ms again.
 Repeat the procedure, which consists of applying a programming pulse of 0.2 ms and read check, until
the data can be read. Additionally, record the number of pulses applied (
X ) before the data was read.
 Apply X pulses (0.2 ! X ms) (described in ) as additional programming pulses.
‘ When this procedure ( Œ to ) is complete, increment the address and repeat the above procedure until
the last address is reached.
’ After programming to the last address, read data when Vcc = VPP = 5 V (or Vcc = VPP = 5.5 V).
Figure 19.1.3 shows the programming algorithm flow chart.
19.1 EPROM mode
Fig. 19.1.3 Programming algorithm flow chart
VERIFY
ALL BYTE
START
ADDR = FIRST LOCATION
X = 0
VCC = VPP = *5.0 V
DEVICE
FAILED
DEVICE PASSED
VCC = 6.0 V
VPP = 12.5 V
X = X + 1
X= 25?
VERIFY BYTE
INCREMENT ADDR
VERIFY
BYTE
DEVICE
FAILED
LAST ADDR?
FAIL
YES
NO
PASS
PASS
YES
FAIL
PASS
NO
FAIL
PROGRAM ONE PULSE OF 0.2 ms
PROGRAM PULSE
OF 0.2 x ms DURATION
*
: 4.5 V
≤ VCC = VPP ≤ 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com