Electronic Components Datasheet Search
  English  ▼

X  

7751 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 42Page - Renesas Technology Corp 7751 Datasheet HTML 43Page - Renesas Technology Corp 7751 Datasheet HTML 44Page - Renesas Technology Corp 7751 Datasheet HTML 45Page - Renesas Technology Corp 7751 Datasheet HTML 46Page - Renesas Technology Corp 7751 Datasheet HTML 47Page - Renesas Technology Corp 7751 Datasheet HTML 48Page - Renesas Technology Corp 7751 Datasheet HTML 49Page - Renesas Technology Corp 7751 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 540 page
background image
CENTRAL PROCESSING UNIT (CPU)
7751 Group User’s Manual
2–27
Processor mode
CNVss pin level
Processor mode bits
b1
b0
Single-chip mode
Vss (0 V) (Note 1)
Memory expansion mode
Vss (0 V) (Note 1)
Microprocessor mode
Vss (0 V) (Note 1)
Vcc (5 V) (Note 2)
2.5 Processor modes
Notes 1: The microcomputer starts operating in the single-chip mode after a reset. The microcomputer can
be switched to the other processor modes by setting the processor mode bits.
2: The microcomputer starts operating in the microprocessor mode after a reset. The microcomputer
cannot operate in the other modes, so that fix the processor mode bits as follows:
•b1 = “1” and b0 = “0.”
Table 2.5.2 Methods for setting processor modes
Notes 1: While supplying the Vcc level to the CNVss pin, this bit becomes “1”
after a reset. (Fixed to “1.”)
2: This bit is ignored in the microprocessor mode. (It may be either “0” or “1.”)
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits
Software reset bit
Interrupt priority detection time
select bits
Clock
φ1 output select bit
(Note 2)
0
0
0
0
0 0 : Single-chip mode
0 1 : Memory expansion mode
1 0 : Microprocessor mode
1 1 : Not selected
The microcomputer is reset by
writing “1” to this bit. The value is
“0” at reading.
0 0 : 7 cycles of
φ
0 1 : 4 cycles of
φ
1 0 : 2 cycles of
φ
1 1 : Not selected
0 : Clock
φ1 output disabled
(P42 functions as a programmable
I/O port.)
1 : Clock
φ1 output enabled
(P42 functions as a clock
φ1 out-
put pin.)
0
0
b1 b0
b5 b4
Processor mode register 0 (Address 5E16)
(Note 1)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
WO
0
RW
0
RW
Fix this bit to “0.”
RW
RW
: Bits 7 to 2 are not used for setting of the processor mode.
Fix this bit to “0.”
0
Fig. 2.5.4 Structure of processor mode register 0
0
0
0
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com