Electronic Components Datasheet Search
  English  ▼

X  

7751 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 29Page - Renesas Technology Corp 7751 Datasheet HTML 30Page - Renesas Technology Corp 7751 Datasheet HTML 31Page - Renesas Technology Corp 7751 Datasheet HTML 32Page - Renesas Technology Corp 7751 Datasheet HTML 33Page - Renesas Technology Corp 7751 Datasheet HTML 34Page - Renesas Technology Corp 7751 Datasheet HTML 35Page - Renesas Technology Corp 7751 Datasheet HTML 36Page - Renesas Technology Corp 7751 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 540 page
background image
CENTRAL PROCESSING UNIT (CPU)
7751 Group User’s Manual
2–14
2.2 Bus interface unit
(4)
Bus control
To perform the above operations (1) to (3), the BIU inputs and outputs the control signals, and
controls the address bus and the data bus. The cycle in which the BIU controls the bus and accesses
the memory•I/O device is called the bus cycle. Table 2.2.2 shows the bus cycle at accessing the
internal area.
Refer to “Chapter 12. CONNECTION WITH EXTERNAL DEVICES” about the bus cycle at accessing
the external devices.
Table 2.2.2 Bus cycle at accessing internal area
RAM
ROM
SFR
In low-speed running (f(XIN)
≤ 25 MHz)
E
Internal address bus
Internal data bus
Address
Data
1 bus cycle = 3
1 bus cycle = 2
Address
Internal address bus
Internal data bus
Data
E
Internal address bus
Internal data bus
1 bus cycle = 2
Address
Data
E
In high-speed running (f(XIN)
≤ 40 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com