Electronic Components Datasheet Search
  English  ▼

X  

7751 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 79Page - Renesas Technology Corp 7751 Datasheet HTML 80Page - Renesas Technology Corp 7751 Datasheet HTML 81Page - Renesas Technology Corp 7751 Datasheet HTML 82Page - Renesas Technology Corp 7751 Datasheet HTML 83Page - Renesas Technology Corp 7751 Datasheet HTML 84Page - Renesas Technology Corp 7751 Datasheet HTML 85Page - Renesas Technology Corp 7751 Datasheet HTML 86Page - Renesas Technology Corp 7751 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 540 page
background image
7751 Group User’s Manual
TIMER A
5.1 Overview
5–2
Timer A is used primarily for output to externals. It consists of five counters, timers A0 to A4, each equipped
with a 16-bit reload function. Timers A0 to A4 operate independently of one another.
5.1 Overview
Timer Ai (i = 0 to 4) has four operating modes listed below. Except for the event counter mode, Timers A0
to A4 all have the same functions.
q Timer mode
The timer counts an internally generated count source. Following functions can be used in this mode:
•Gate function
•Pulse output function
q Event counter mode
The timer counts an external signal. Following functions can be used in this mode:
•Pulse output function
•Two-phase pulse signal processing function (Timers A2, A3, and A4)
q One-shot pulse mode
The timer outputs a pulse which has an arbitrary width once.
q Pulse width modulation (PWM) mode
Timer outputs pulses which have an arbitrary width in succession. The timer functions as which pulse
width modulator as follows:
•16-bit pulse width modulator
•8-bit pulse width modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com