Electronic Components Datasheet Search
  English  ▼

X  

7751 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 45Page - Renesas Technology Corp 7751 Datasheet HTML 46Page - Renesas Technology Corp 7751 Datasheet HTML 47Page - Renesas Technology Corp 7751 Datasheet HTML 48Page - Renesas Technology Corp 7751 Datasheet HTML 49Page - Renesas Technology Corp 7751 Datasheet HTML 50Page - Renesas Technology Corp 7751 Datasheet HTML 51Page - Renesas Technology Corp 7751 Datasheet HTML 52Page - Renesas Technology Corp 7751 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 540 page
background image
INPUT/OUTPUT PINS
3–2
7751 Group User’s Manual
This chapter describes the programmable I/O ports in the single-chip mode. For P0 to P4, which change
their functions according to the processor mode, refer also to the section “2.5 Processor modes” and
“Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”
3.1 Programmable I/O ports
The 7751 Group has 68 programmable I/O ports, P0 to P8.
The programmable I/O ports have direction registers and port registers in the SFR area. Figure 3.1.1 shows
the memory map of direction registers and port registers.
P42 and P5 to P8 also function as the I/O pins of the internal peripheral devices. For the functions, refer
to the section “3.2 I/O pins of internal peripheral devices” and relevant sections of each internal peripheral
devices.
Fig. 3.1.1 Memory map of direction registers and port registers
3.1 Programmable I/O ports
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
Port P8 direction register
816
916
A16
B16
C16
D16
E16
F16
1016
1116
1216
1316
1416
Addresses
Port P0 register
Port P1 register
Port P0 direction register
Port P1 direction register
Port P2 register
Port P3 register
Port P2 direction register
Port P3 direction register
216
316
416
516
616
716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com