Electronic Components Datasheet Search
  English  ▼

X  

7751 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 14Page - Renesas Technology Corp 7751 Datasheet HTML 15Page - Renesas Technology Corp 7751 Datasheet HTML 16Page - Renesas Technology Corp 7751 Datasheet HTML 17Page - Renesas Technology Corp 7751 Datasheet HTML 18Page - Renesas Technology Corp 7751 Datasheet HTML 19Page - Renesas Technology Corp 7751 Datasheet HTML 20Page - Renesas Technology Corp 7751 Datasheet HTML 21Page - Renesas Technology Corp 7751 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 540 page
background image
DESCRIPTION
7751 Group User’s Manual
1–7
1.3 Pin description
Table 1.3.3 Pin description (3)
Pin
P40–P47
_____
HOLD,
____
RDY,
P42–P47
_____
HOLD,
____
RDY,
φ1,
P43–P47
P50–P57
P60–P67
P70–P77
P80–P87
Functions
[Single-chip mode]
Port P4 is an 8-bit I/O port with the same function as
P0. P42 can be programmed as the clock
φ1 output pin.
[Memory expansion mode]
_____
____
P40 functions as the HOLD input pin, P41 as the RDY
input pin. The microcomputer is in Hold state while “L”
_____
level is input to the HOLD pin.
The microcomputer is in Ready state while “L” level is
____
input to the RDY pin.
P42–P47 function as I/O ports with the same functions
as P0.
P42 can be programmed for the clock
φ1 output pin.
[Microprocessor mode]
_____
____
P40 functions as the HOLD input pin, P41 as the RDY
input pin. P42 always functions as the clock
φ1 output
pin.
P43–P47 function as I/O ports with the same functions
as P0.
Port P5 is an 8-bit I/O port with the same function as
P0. These pins can be programmed as I/O pins for
Timers A0–A3.
Port P6 is an 8-bit I/O port with the same function as
P0. These pins can be programmed as I/O pins for
Timer A4, input pins for external interrupt and input
pins for Timers B0–B2.
Port P7 is an 8-bit I/O port with the same function as
P0. These pins can be programmed as input pins for
A-D converter.
Port P8 is an 8-bit I/O port with the same function as
P0. These pins can be programmed as I/O pins for
serial I/O.
Name
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
Input/Output
I/O
Input
Input
I/O
Input
Input
Output
I/O
I/O
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com