Electronic Components Datasheet Search
  English  ▼

X  

7751 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 24Page - Renesas Technology Corp 7751 Datasheet HTML 25Page - Renesas Technology Corp 7751 Datasheet HTML 26Page - Renesas Technology Corp 7751 Datasheet HTML 27Page - Renesas Technology Corp 7751 Datasheet HTML 28Page - Renesas Technology Corp 7751 Datasheet HTML 29Page - Renesas Technology Corp 7751 Datasheet HTML 30Page - Renesas Technology Corp 7751 Datasheet HTML 31Page - Renesas Technology Corp 7751 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 540 page
background image
7751 Group User’s Manual
2.1 Central processing unit
CENTRAL PROCESSING UNIT (CPU)
2–9
(6)
Bit 5: Data length flag (m)
It determines whether to use a data as a 16-bit unit or as an 8-bit unit. A data is treated as a 16-
bit unit when this flag is “0,” and as an 8-bit unit when it is “1.”
Use the SEM or SEP instruction to set this flag to “1,” and use the CLM or CLP instruction to clear
it to “0.” This flag is cleared to “0” at reset.
Note: When transferring data between registers which are different in bit length, the data is transferred
with the length of the destination register, but except for the TXA, TYA, TXB, TYB, and TXS
instructions. Refer to “7751 Series Software Manual” for details.
(7)
Bit 6: Overflow flag (V)
It is used when adding or subtracting with a word regarded as signed binary. When the data length
flag (m) is “0,” the overflow flag is set to “1” when the result of addition or subtraction exceeds the
range between –32768 and +32767, and cleared to “0” in all other cases. When the data length flag
(m) is “1,” the overflow flag is set to “1” when the result of addition or subtraction exceeds the range
between –128 and +127, and cleared to “0” in all other cases.
The overflow flag is also set to “1” when a result of division exceeds the register length to be stored
in the DIV or DIVS instruction, a division instruction with unsigned or signed; and when a result of
addition exceeds the range between –2147483648 and +2147483647 in the RMPA instruction, a
Repeat MultiPly and Accumulate instruction.
When the BVC or BVS instruction is executed, this flag’s contents determine whether the program
causes a branch or not.
Use the SEP instruction to set this flag to “1,” and use the CLV or CLP instruction to clear it to “0.”
Note: This flag is invalid in the decimal mode.
(8)
Bit 7: Negative flag (N)
It is set to “1” when a result of arithmetic operation or data transfer is negative. (Bit 15 of the result
is “1” when the data length flag (m) is “0,” or bit 7 of the result is “1” when the data length flag (m)
is “1.”) It is cleared to “0” in all other cases. When the BPL or BMI instruction is executed, this flag
determines whether the program causes a branch or not. Use the SEP instruction to set this flag to
“1,” and use the CLP instruction to clear it to “0.”
Note: This flag is invalid in the decimal mode.
(9)
Bits 10 to 8: Processor interrupt priority level (IPL)
These three bits can determine the processor interrupt priority level to one of levels 0 to 7. The
interrupt is enabled when the interrupt priority level of a required interrupt, which is set in each
interrupt control register, is higher than IPL. When an interrupt request is accepted, IPL is stored in
the stack area, and IPL is replaced by the interrupt priority level of the accepted interrupt request.
There are no instruction to directly set or clear the bits of IPL. IPL can be changed by storing the
new IPL into the stack area and updating the processor status register with the PUL or PLP instruction.
The contents of IPL is cleared to “0002” at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com