Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 27Page - Texas Instruments TMS320DM335 Datasheet HTML 28Page - Texas Instruments TMS320DM335 Datasheet HTML 29Page - Texas Instruments TMS320DM335 Datasheet HTML 30Page - Texas Instruments TMS320DM335 Datasheet HTML 31Page - Texas Instruments TMS320DM335 Datasheet HTML 32Page - Texas Instruments TMS320DM335 Datasheet HTML 33Page - Texas Instruments TMS320DM335 Datasheet HTML 34Page - Texas Instruments TMS320DM335 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 158 page
background image
2.4.10 I
2C Interface
2.4.11 Serial Interface
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Table 2-15. UART Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
MMCSD1_DA
MMCSD1: DATA0
TA0/
A18
I/O/Z
VDD
GIO: GIO019
GIO019/
UART2: TXD
UART2_TXD
The DM335 includes an I2C two-wire serial interface for control of external peripherals. This interface is
multiplexed with GIO signals.
Table 2-16. I2C Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
I2C_SDA/
I2C: Serial data
R13
I/O/Z
VDD
GIO015
GIO: GIO015
I2C_SCL/
I2C: Serial clock
R14
I/O/Z
VDD
GIO014
GIO: GIO014
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
The DM335 includes three independent serial ports. These interfaces are multiplexed with GIO and other
signals.
Table 2-17. SPI Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3) DESCRIPTION
NAME
NO.
SPI0_SCLK
C12
I/O/Z
VDD
SPI0: Clock
SPI0_SDENA[0]/
SPI0: Chip select 0
B12
I/O/Z
VDD
GIO103
GIO: GIO[103]
GIO007
GIO: GIO[007]
C17
I/O/Z
VDD
SPI0_SDENA[1]
SPI0: Chip select 1
SPI0_SDI/
SPI0: Data in
A12
I/O/Z
VDD
GIO102
GIO: GIO[102]
SPI0_SDO
B11
I/O/Z
VDD
SPI0: Data out
SPI1_SCLK/
SPI1: Clock
C13
I/O/Z
VDD
GIO010
GIO: GIO[010]
SPI1: Chip select 0
SPI1_SDENA[0]/
E13
I/O/Z
VDD
GIO: GIO[011] - Active low during MMC/SD boot (can be used as
GIO011
MMC/SD power control)
SPI1_SDI/
SPI1: Data in or
GIO009/
A13
I/O/Z
VDD
SPI1: Chip select 1
SPI1_SDENA[1]
GIO: GIO[09]
SPI1_SDO/
SPI1: Data out
E12
I/O/Z
VDD
GIO008
GIO: GIO[008]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Submit Documentation Feedback
Device Overview
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com