Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 75Page - Texas Instruments TMS320DM335 Datasheet HTML 76Page - Texas Instruments TMS320DM335 Datasheet HTML 77Page - Texas Instruments TMS320DM335 Datasheet HTML 78Page - Texas Instruments TMS320DM335 Datasheet HTML 79Page - Texas Instruments TMS320DM335 Datasheet HTML 80Page - Texas Instruments TMS320DM335 Datasheet HTML 81Page - Texas Instruments TMS320DM335 Datasheet HTML 82Page - Texas Instruments TMS320DM335 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 158 page
background image
3.7 Power and Sleep Controller (PSC)
arm_clock
arm_mreset
arm_power
AINTC
ARM
module_power
module_mreset
MODx
module_clock
Alwayson
domain
Interrupt
PSC
clks
PLLC
Emulation
RESET
V
DD
DMSoC
3.8 System Control Module
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
In the DM335 system, the Power and Sleep Controller (PSC) is responsible for managing transitions of
system power on/off, clock on/off, and reset. A block diagram of the PSC is shown in Figure 3-5. Many of
the operations of the PSC are transparent to software, such as power-on-reset operations. However, the
PSC provides you with an interface to control several important clock and reset operations.
The PSC includes the following features:
• Manages chip power-on/off, clock on/off, and resets
• Provides a software interface to:
–
Control module clock ON/OFF
–
Control module resets
• Supports IcePick emulation features: power, clock, and reset
For more information on the PSC, see the TMS320DM335 Digital Media System-on-Chip (DMSoC) ARM
Subsystem Reference Guide (literature number SPRUFX7).
Figure 3-5. DM335 Power and Sleep Controller (PSC)
The DM335’s system control module is a system-level module containing status and top-level control logic
required by the device. The system control module consists of a miscellaneous set of status and control
registers, accessible by the ARM and supporting all of the following system features and operations:
• Device identification
• Device configuration
–
Pin multiplexing control
–
Device boot configuration status
• ARM interrupt and EDMA event multiplexing control
• Special peripheral status and control
–
Timer64+
–
USB PHY control
–
VPSS clock and video DAC control and status
–
DDR VTP control
–
Clockout circuitry
–
GIO de-bounce control
Submit Documentation Feedback
Detailed Device Description
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com