Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 49Page - Texas Instruments TMS320DM335 Datasheet HTML 50Page - Texas Instruments TMS320DM335 Datasheet HTML 51Page - Texas Instruments TMS320DM335 Datasheet HTML 52Page - Texas Instruments TMS320DM335 Datasheet HTML 53Page - Texas Instruments TMS320DM335 Datasheet HTML 54Page - Texas Instruments TMS320DM335 Datasheet HTML 55Page - Texas Instruments TMS320DM335 Datasheet HTML 56Page - Texas Instruments TMS320DM335 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 158 page
background image
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Table 2-23. DM335 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
CVDD
W19
PWR
Core power (1.3 V)
VDD
F9
PWR
Power for Digital IO (3.3 V)
VDD
F10
PWR
Power for Digital IO (3.3 V)
VDD
F11
PWR
Power for Digital IO (3.3 V)
VDD
F12
PWR
Power for Digital IO (3.3 V)
VDD
F13
PWR
Power for Digital IO (3.3 V)
VDD
F14
PWR
Power for Digital IO (3.3 V)
VDD
G8
PWR
Power for Digital IO (3.3 V)
VDD
G14
PWR
Power for Digital IO (3.3 V)
VDD
K8
PWR
Power for Digital IO (3.3 V)
VDD
K15
PWR
Power for Digital IO (3.3 V)
VDD
L6
PWR
Power for Digital IO (3.3 V)
VDD
L13
PWR
Power for Digital IO (3.3 V)
VDD
M10
PWR
Power for Digital IO (3.3 V)
VDD
M11
PWR
Power for Digital IO (3.3 V)
VDD
M12
PWR
Power for Digital IO (3.3 V)
VDD
M13
PWR
Power for Digital IO (3.3 V)
VDD
N11
PWR
Power for Digital IO (3.3 V)
VDD
N12
PWR
Power for Digital IO (3.3 V)
VSS_MX1
C10
GND
System oscillator (24 MHz) - ground
VSS_MX2
P1
GND
Video oscillator (27 MHz) - ground
VSSA_PLL1
H12
GND
Analog Ground for PLL1
VSSA_PLL2
J9
GND
Analog Ground for PLL2
VSS
A5
GND
Digital ground
VSS
A8
GND
Digital ground
VSS
A19
GND
Digital ground
VSS
B5
GND
Digital ground
VSS
B8
GND
Digital ground
VSS
B10
GND
Digital ground
VSS
D1
GND
Digital ground
VSS
E2
GND
Digital ground
VSS
E15
GND
Digital ground
VSS
G2
GND
Digital ground
VSS
G9
GND
Digital ground
VSS
H1
GND
Digital ground
VSS
H2
GND
Digital ground
VSS
H6
GND
Digital ground
VSS
H11
GND
Digital ground
VSS
H14
GND
Digital ground
VSS
J2
GND
Digital ground
VSS
J6
GND
Digital ground
VSS
J10
GND
Digital ground
VSS
J14
GND
Digital ground
VSS
K3
GND
Digital ground
VSS
K9
GND
Digital ground
VSS
K10
GND
Digital ground
Submit Documentation Feedback
Device Overview
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com