Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 37Page - Texas Instruments TMS320DM335 Datasheet HTML 38Page - Texas Instruments TMS320DM335 Datasheet HTML 39Page - Texas Instruments TMS320DM335 Datasheet HTML 40Page - Texas Instruments TMS320DM335 Datasheet HTML 41Page - Texas Instruments TMS320DM335 Datasheet HTML 42Page - Texas Instruments TMS320DM335 Datasheet HTML 43Page - Texas Instruments TMS320DM335 Datasheet HTML 44Page - Texas Instruments TMS320DM335 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 158 page
background image
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Table 2-23. DM335 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
FIELD / GIO070
H4
I/O
VENC
VDD_VOUT
in
Video Encoder: Field identifier for interlaced
PINMUX1[19:18].FI
/ R2 / PWM3C
/ GIO /
display formats
ELD
VENC
/
PWM3
GIO: GIO[070]
Digital Video Out: R2
PWM3C(4)
EXTCLK /
G3
I/O
VENC
VDD_VOUT
PD
in
Video Encoder: External clock input, used if
PINMUX1[21:20].EX
GIO069 / B2 /
/ GIO /
clock rates > 27 MHz are needed, e.g. 74.25 TCLK
PWM3D
VENC
MHz for HDTV digital output
/
PWM3
GIO: GIO[069]
Digital Video Out: B2
PWM3D(4)
VCLK / GIO068
H3
I/O
VENC
VDD_VOUT
out L
Video Encoder: Video Output Clock
PINMUX1[22].VCLK
/ GIO
GIO: GIO[068](4)
VREF
J7
A I/O Video
Video DAC: Reference voltage output
DAC
(0.45V, 0.1uF to GND)
IOUT
E1
A I/O Video
Video DAC: Pre video buffer DAC output
DAC
(1000 ohm to VFB)
IBIAS
F2
A I/O Video
Video DAC: External resistor (2550 Ohms to
DAC
GND) connection for current bias
configuration
VFB
G1
A I/O Video
Video DAC: Pre video buffer DAC output
DAC
(1000 ohm to IOUT, 1070 ohm to TVOUT)
TVOUT
F1
A I/O Video
VDDA18_DAC
Video DAC: Analog Composite NTSC/PAL
DAC
output (SeeFigure 5-31 andFigure 5-32 for
circuit connection)
VDDA18V_DAC
L7
PWR Video
Video DAC: Analog 1.8V power
DAC
VSSA_DAC
L8
GND Video
Video DAC: Analog 1.8V ground
DAC
DDR_CLK
W9
I/O
DDR
VDD_DDR
out L
DDR Data Clock
DDR_CLK
W8
I/O
DDR
VDD_DDR
out H
DDR Complementary Data Clock
DDR_RAS
T6
I/O
DDR
VDD_DDR
out H
DDR Row Address Strobe
DDR_CAS
V9
I/O
DDR
VDD_DDR
out H
DDR Column Address Strobe
DDR_WE
W10
I/O
DDR
VDD_DDR
out H
DDR Write Enable (active low)
DDR_CS
T8
I/O
DDR
VDD_DDR
out H
DDR Chip Select (active low)
DDR_CKE
V10
I/O
DDR
VDD_DDR
out L
DDR Clock Enable
DDR_DQM[1]
U15
I/O
DDR
VDD_DDR
out L
Data mask outputs: DDR_DQM1: For
DDR_DQ[15:8]
DDR_DQM[0]
T12
I/O
DDR
VDD_DDR
out L
Data mask outputs: DDR_DQM0: For
DDR_DQ[7:0]
DDR_DQS[1]
V15
I/O
DDR
VDD_DDR
in
Data strobe input/outputs for each byte of
the 16 bit data bus used to synchronize the
data transfers. Output to DDR when writing
and inputs when reading.
DDR_DQS1: For DDR_DQ[15:8]
Submit Documentation Feedback
Device Overview
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com