Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 39Page - Texas Instruments TMS320DM335 Datasheet HTML 40Page - Texas Instruments TMS320DM335 Datasheet HTML 41Page - Texas Instruments TMS320DM335 Datasheet HTML 42Page - Texas Instruments TMS320DM335 Datasheet HTML 43Page - Texas Instruments TMS320DM335 Datasheet HTML 44Page - Texas Instruments TMS320DM335 Datasheet HTML 45Page - Texas Instruments TMS320DM335 Datasheet HTML 46Page - Texas Instruments TMS320DM335 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 158 page
background image
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Table 2-23. DM335 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
DDR_VREF
U10
PWR DDRI
VDD_DDR
DDR: Voltage input for the SSTL_18 IO
O
buffers
VSSA_DLL
R11
GND DDRD
VDD_DDR
DDR: Ground for the DDR DLL
LL
VDDA33_DDRDLL
R10
PWR DDRD
VDD_DDR
DDR: Power (3.3 Volts) for the DDR DLL
LL
DDR_ZN
T9
I/O
DDRI
VDD_DDR
DDR: Reference output for drive strength
O
calibration of N and P channel outputs. Tie
to ground via 50 ohm resistor @ 0.5%
tolerance.
EM_A13 /
V19
I/O
AEMI
VDD
PD
in L
Async EMIF: Address Bus bit[13]
PINMUX2[0].EM_A1
GIO067 /
F /
3_3,
BTSEL[1]
GIO /
syste
m
GIO: GIO[067]
default set by
AECFG[0]
System: BTSEL[1:0] sampled at
Power-on-Reset to determine Boot method
(00:NAND, 01:Flash, 10:MMC/SD, 11:UART
)
EM_A12 /
U19
I/O
AEMI
VDD
PD
in L
Async EMIF: Address Bus bit[12]
PINMUX2[0].EM_A1
GIO066 /
F /
3_3,
BTSEL[0]
GIO /
syste
m
GIO: GIO[066]
default set by
AECFG[0]
System: BTSEL[1:0] sampled at
Power-on-Reset to determine Boot method
(00:NAND, 01:Flash, 10:MMC/SD, 11:UART)
EM_A11 /
R16
I/O
AEMI
VDD
PU
in H
Async EMIF: Address Bus bit[11]
PINMUX2[0].EM_A1
GIO065 /
F /
3_3,
AECFG[3]
GIO /
syste
m
GIO: GIO[065]
default set by
AECFG[0]
System: AECFG[3:0] sampled at
Power-on-Reset to set AEMIF Configuration
AECFG[3] sets default for
PinMux2.EM_D15_8: AEMIF Default Bus
Width (0:16 or 1:8 bits)
EM_A10 /
R18
I/O
AEMI
VDD
PU
in H
Async EMIF: Address Bus bit[10]
PINMUX2[0].EM_A1
GIO064 /
F /
3_3,
AECFG[2]
GIO /
syste
m
GIO: GIO[064]
default set by
AECFG[0]
System: AECFG[3:0] sampled at
Power-on-Reset to set AEMIF Configuration
AECFG[2:1] sets default for
PinMux2.EM_BA0: AEMIF EM_BA0
Definition (00: EM_BA0, 01: EM_A14,
10:GIO[054], 11:rsvd)
Submit Documentation Feedback
Device Overview
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com