Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 74Page - Texas Instruments TMS320DM335 Datasheet HTML 75Page - Texas Instruments TMS320DM335 Datasheet HTML 76Page - Texas Instruments TMS320DM335 Datasheet HTML 77Page - Texas Instruments TMS320DM335 Datasheet HTML 78Page - Texas Instruments TMS320DM335 Datasheet HTML 79Page - Texas Instruments TMS320DM335 Datasheet HTML 80Page - Texas Instruments TMS320DM335 Datasheet HTML 81Page - Texas Instruments TMS320DM335 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 158 page
background image
3.6.3
PLLC2
PLLDIV1(/1)
1
0
PLL
0
1
CLKMODE
CLKIN
OSCIN
PLLEN
SYSCLK1
(DDRPHY)
SYSCLKBP
(CLKOUT3)
BPDIV(/8)
PLLM
(Programmable)
Pre-DIV
(Programmable)
Post-DIV
(/1)
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
PLLC2 provides the DDR PHY clock and CLKOUT3. Software controls PLLC2 operation through the
PLLC2 registers. The following list, Table 3-15, and Figure 3-4 describe the customizations of PLLC2 in
the DM335.
• Provides DDR PHY clock and CLKOUT3
• Software configurable
• Accepts clock input or internal oscillator input (same input as PLLC1)
• PLL pre-divider value is programmable
• PLL multiplier value is programmable
• PLL post-divider value is fixed to (/1)
• Only SYSCLK[1] is used
• SYSCLK1 divider value is fixed to (/1)
• SYSCLKBP divider value is fixed to (/8)
• SYSCLK1 is routed to the DDR PHY
• SYSCLKBP is routed to the output pin CLKOUT3
• AUXCLK is not used.
Table 3-15. PLLC2 Output Clocks
Output Clock
Used by
PLLDIV Divider
Notes
SYSCLK1
DDR PHY
/1
Fixed divider
SYSCLKBP
CLKOUT3
/8
Fixed divider
Figure 3-4. PLLC2 Configuration in DM335
78
Detailed Device Description
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com