Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 47Page - Texas Instruments TMS320DM335 Datasheet HTML 48Page - Texas Instruments TMS320DM335 Datasheet HTML 49Page - Texas Instruments TMS320DM335 Datasheet HTML 50Page - Texas Instruments TMS320DM335 Datasheet HTML 51Page - Texas Instruments TMS320DM335 Datasheet HTML 52Page - Texas Instruments TMS320DM335 Datasheet HTML 53Page - Texas Instruments TMS320DM335 Datasheet HTML 54Page - Texas Instruments TMS320DM335 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 158 page
background image
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Table 2-23. DM335 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
ASP1_DX
C18
I/O
ASP5
VDD
in
ASP1: Transmit Data
121
ASP1_CLKX
D19
I/O
ASP5
VDD
in
ASP1: Transmit Clock
121
ASP1_FSX
E16
I/O
ASP5
VDD
in
ASP1: Transmit Frame Sync
121
ASP1_DR
C19
I/O
ASP5
VDD
in
ASP1: Receive Data
121
ASP1_CLKR
D18
I/O
ASP5
VDD
in
ASP1: Receive Clock
121
ASP1_FSR
E17
I/O
ASP5
VDD
in
ASP1: Receive Frame Synch
121
ASP1_CLKS
D17
I
ASP5
VDD
in
ASP1: Master Clock
121
RESET
D11
I
VDD
PU
in
Global Chip Reset (active low)
MXI1
A9
I
Clocks
VDD
in
Crystal input for system oscillator (24 MHz)
MXO1
B9
O
Clocks
VDD
out
Output for system oscillator (24 MHz)
MXI2
R1
I
Clocks
VDD
in
Crystal input for video oscillator (27 MHz).
This crystal is not required
VDD
MXO2
T1
O
Clocks
VDD
out
Output for video oscillator (27 MHz). This
crystal is not required.
VDD
TCK
E10
I
EMUL
VDD
PU
in
JTAG test clock input
ATIO
N
TDI
D9
I
EMUL
VDD
PU
in
JTAG test data input
ATIO
N
TDO
E9
O
EMUL
VDD
out L
JTAG test data output
ATIO
N
TMS
D8
I
EMUL
VDD
PU
in
JTAG test mode select
ATIO
N
TRST
C9
I
EMUL
VDD
PD
in
JTAG test logic reset (active low)
ATIO
N
RTCK
E11
O
EMUL
VDD
out L
JTAG test clock output
ATIO
N
EMU0
E8
I/O
EMUL
VDD
PU
in
JTAG emulation 0 I/O
ATIO
VDD
N
VDD
EMU1
E7
I/O
EMUL
VDD
PU
in
JTAG emulation 1 I/O
ATIO
EMU[1:0] = 00 - Force Debug Scan chain
N
(ARM and ARM ETB TAPs connected)
EMU[1:0] = 11 - Normal Scan chain (ICEpick
only)
RSV01
J1
A
Reserved. This signal should be left as a No
I/O/Z
Connect or connected to VSS.
RSV02
K1
A
Reserved. This signal should be left as a No
I/O/Z
Connect or connected to VSS.
RSV03
L1
A
Reserved. This signal should be left as a No
I/O/Z
Connect or connected to VSS.
Submit Documentation Feedback
Device Overview
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com