Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 98Page - Texas Instruments TMS320DM335 Datasheet HTML 99Page - Texas Instruments TMS320DM335 Datasheet HTML 100Page - Texas Instruments TMS320DM335 Datasheet HTML 101Page - Texas Instruments TMS320DM335 Datasheet HTML 102Page - Texas Instruments TMS320DM335 Datasheet HTML 103Page - Texas Instruments TMS320DM335 Datasheet HTML 104Page - Texas Instruments TMS320DM335 Datasheet HTML 105Page - Texas Instruments TMS320DM335 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 158 page
background image
5.5.2
MXI2 (27-MHz) Oscillator (optional oscillator)
Crystal
27MHz
C1
C2
MXI2
MXO2
VSS_MX2
L1
VDDA_PLL2
VSSA_PLL2
0.1 F
1 F
C
L
C
1C2
(C
1
C
2)
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
Table 5-3. Switching Characteristics Over Recommended Operating Conditions for 24-MHz System
Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Oscillation frequency
24 or 36
MHz
ESR
60
Ω
Frequency stability
+/-50
ppm
The MXI2 (27 MHz) oscillator provides an optional reference clock for the DM335's VPSS module. The
on-chip oscillator requires an external 27-MHz crystal connected across the MXI2 and MXO2 pins, along
with two load capacitors, as shown in Figure 5-6. The external crystal load capacitors must be connected
only to the 27-MHz oscillator ground pin (VSS_MX2). Do not connect to board ground (VSS). Also, the PLL
power pin (VDDA_PLL2) should be connected to the power supply through a ferrite bead, L1 in the example
circuit shown in Figure 5-6.
Figure 5-6. MXI2 (27-MHz) System Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI and MXO) and to the VSS_MX2 pin.
Table 5-4. Switching Characteristics Over Recommended Operating Conditions for 27-MHz System
Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Oscillation frequency
27
MHz
ESR
60
Ω
Frequency stability
+/-50
ppm
DM335 Peripheral Information and Electrical Specifications
102
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com