Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 104Page - Texas Instruments TMS320DM335 Datasheet HTML 105Page - Texas Instruments TMS320DM335 Datasheet HTML 106Page - Texas Instruments TMS320DM335 Datasheet HTML 107Page - Texas Instruments TMS320DM335 Datasheet HTML 108Page - Texas Instruments TMS320DM335 Datasheet HTML 109Page - Texas Instruments TMS320DM335 Datasheet HTML 110Page - Texas Instruments TMS320DM335 Datasheet HTML 111Page - Texas Instruments TMS320DM335 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 158 page
background image
5.7 External Memory Interface (EMIF)
5.7.1
Asynchronous EMIF (AEMIF)
5.7.1.1 NAND (NAND, SmartMedia, xD)
5.7.1.2 OneNAND
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
DM335 supports several memory and external device interfaces, including:
• Asynchronous EMIF (AEMIF) for interfacing to SRAM.
–
OneNAND flash memories
–
NAND flash memories
• DDR2/mDDR Memory Controller for interfacing to SDRAM.
The EMIF supports the following features:
• SRAM, etc. on up to 2 asynchronous chip selects addressable up to 64KB each
• Supports 8-bit or 16-bit data bus widths
• Programmable asynchronous cycle timings
• Supports extended wait mode
• Supports Select Strobe mode
The NAND features of the EMIF are as follows:
• NAND flash on up to 2 asynchronous chip selects
• 8 and 16-bit data bus widths
• Programmable cycle timings
• Performs 1-bit and 4-bit ECC calculation
• NAND Mode also supports SmartMedia/SSFDC (Solid State Floppy Disk Controller) and xD memory
cards
The OneNAND features supported are as follows.
• NAND flash on up to 2 asynchronous chip selects
• Only 16-bit data bus widths
• Supports asynchronous writes and reads
• Supports synchronous reads with continuous linear burst mode (Does not support synchronous reads
with wrap burst modes)
• Programmable cycle timings for each chip select in asynchronous mode
DM335 Peripheral Information and Electrical Specifications
108
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com