Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 128 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 124Page - Texas Instruments TMS320DM335 Datasheet HTML 125Page - Texas Instruments TMS320DM335 Datasheet HTML 126Page - Texas Instruments TMS320DM335 Datasheet HTML 127Page - Texas Instruments TMS320DM335 Datasheet HTML 128Page - Texas Instruments TMS320DM335 Datasheet HTML 129Page - Texas Instruments TMS320DM335 Datasheet HTML 130Page - Texas Instruments TMS320DM335 Datasheet HTML 131Page - Texas Instruments TMS320DM335 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 158 page
background image
DIN<9:0>
DACDigitalInput
CBG
0.1 F
m
VREF
VideoDACandBuffer
RBIAS
2550 Ω
IBIAS
Rfb = 1000 Ω
IOUT
VFB
TVOUT
Rout =1070 Ω
TVmonitor
TVOUT[V]
VideoBufferOutputVoltage
MSB
LSB
V
OL(VIDBUF)
V
OH(VIDBUF)
0
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
A.
Place capacitors and resistors as close as possible to the DM335.
B.
You must use the circuit shown in this diagram. Also you must configure the VDAC_CONFIG register in the System
Control module as follows: TRESB4R4 = 0x3, TRESB4R2 = 0x8, TRESB4R1 = 0x8, TRIMBITS = 0x34, PWD_BGZ =
1 (power up VREF), SPEED = 1 (faster), TVINT = don't care, PWD_VBUFZ = 1 (power up video buffer), VREFSET =
don't care, ACCUP_EN = 0 (no A/C coupling), DINV = 1 (invert). See the TMS320DM335 Digital Media
System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFX7) and the TMS320DM335
Digital Media System-on-Chip (DMSoC) Video Processing Back End (VPBE) Reference Guide (literature number
SPRUFX9) for more information on the VDAC_CONFIG register and Video Buffer.
C.
For proper TVOUT voltage, you must connect the pin TVOUT directly to the TV. No A/C coupling capacitor or
termination resistor is necessary on your DM335 board. Also, it is assumed that the TV has no internal A/C coupling
capacitor but does have an internal termination resistor, as shown in this diagram. TVOUT voltage will range from
VOL(VIDBUF) to VOH(VIDBUF). See Section 4.3 for the voltage specifications.
Figure 5-32. DAC With Buffer Circuit
128
DM335 Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com