Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 141 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 137Page - Texas Instruments TMS320DM335 Datasheet HTML 138Page - Texas Instruments TMS320DM335 Datasheet HTML 139Page - Texas Instruments TMS320DM335 Datasheet HTML 140Page - Texas Instruments TMS320DM335 Datasheet HTML 141Page - Texas Instruments TMS320DM335 Datasheet HTML 142Page - Texas Instruments TMS320DM335 Datasheet HTML 143Page - Texas Instruments TMS320DM335 Datasheet HTML 144Page - Texas Instruments TMS320DM335 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 158 page
background image
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
Table 5-36. Switching Characteristics Over Recommended Operating Conditions for ASP(1)(2)
(see Figure 5-41)
DM335
NO.
PARAMETER
UNIT
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
38.5 or 2P(3)(4)(5)
ns
17
td(CLKS-CLKRX)
Delay time, CLKS high to internal CLKR/X
CLKR/X int
1
24
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X int
C - 1(6)
C + 1(6)
ns
CLKR int
3
25
4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
ns
CLKR ext
3
25
CLKX int
-4
8
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
3
25
CLKX int
12
ns
tdis(CKXH-
Disable time, DX high impedance following last data
12
DXHZ)
bit from CLKX high
CLKX ext
12
ns
CLKX int
-5
12
ns
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
CLKX ext
3
25
ns
Delay time, FSX high to DX valid
FSX int
14
14
td(FXH-DXV)
ONLY applies when in data
ns
FSX ext
25
delay 0 (XDATDLY = 00b) mode
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
Minimum delay times also represent minimum output hold times.
(3)
Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. Minimum CLKR/X cycle times
are based on internal logic speed; the maximum usable speed may be lower due to EDMA limitations and AC timing requirements.
(4)
P = (1/SYSCLK2), where SYSCLK2 is an output clock of PLLC1 (see Section 3.5) .
(5)
Use which ever value is greater.
(6)
C = H or L
S = sample rate generator input clock = P if CLKSM = 1 (P = 1/SYSCLK2, where SYSCLK2 is an output of PLLC1 (see Section 3.5) )
S = sample rate generator input clock = CLKS if CLKSM = 0
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
H = (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
L = (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
CLKGDV should be set appropriately to ensure the ASP bit rate does not exceed the maximum limit (see footnote (3) above).
Submit Documentation Feedback
DM335 Peripheral Information and Electrical Specifications
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com