Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 143Page - Texas Instruments TMS320DM335 Datasheet HTML 144Page - Texas Instruments TMS320DM335 Datasheet HTML 145Page - Texas Instruments TMS320DM335 Datasheet HTML 146Page - Texas Instruments TMS320DM335 Datasheet HTML 147Page - Texas Instruments TMS320DM335 Datasheet HTML 148Page - Texas Instruments TMS320DM335 Datasheet HTML 149Page - Texas Instruments TMS320DM335 Datasheet HTML 150Page - Texas Instruments TMS320DM335 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 158 page
background image
5.15 Timer
5.15.1
Timer Electrical Data/Timing
1
2
4
4
3
TIM_IN
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
The DM335 contains four software-programmable timers. Timer 0, Timer 1, and Timer 3 (general-purpose
timers) can be programmed in 64-bit mode, dual 32-bit unchained mode, or dual 32-bit chained mode.
Timer 3 supports additional features over the other timers: external clock/event input, period reload, output
event tied to Real Time Out (RTO) module, external event capture, and timer counter register read reset.
Timer 2 is used only as a watchdog timer. Timer 2 is tied to device reset.
• 64-bit count-up counter
• Timer modes:
–
64-bit general-purpose timer mode (Timer 0, 1, 3)
–
Dual 32-bit general-purpose timer mode (Timer 0, 1, 3)
–
Watchdog timer mode (Timer 2)
• Two possible clock sources:
–
Internal clock
–
External clock/event input via timer input pins (Timer 3)
• Three possible operation modes:
–
One-time operation (timer runs for one period then stops)
–
Continuous operation (timer automatically resets after each period)
–
Continuous operation with period reload (Timer 3)
• Generates interrupts to the ARM CPU
• Generates sync event to EDMA
• Generates output event to device reset (Timer 2)
• Generates output event to Real Timer Out (RTO) module (Timer 3)
• External event capture via timer input pins (Timer 3)
For more detailed information, see the TMS320DM335 Digital Media System-on-Chip (DMSoC) 64-bit
Timer Reference Guide (literature number SPRUFY0).
Table 5-45. Timing Requirements for Timer Input(1)(2)(3) (see Figure 5-46)
DM335
NO.
UNIT
MIN
MAX
1
tc(TIN)
Cycle time, TIM_IN
4P
ns
2
tw(TINPH)
Pulse duration, TIM_IN high
0.45C
0.55C
ns
3
tw(TINPL)
Pulse duration, TIM_IN low
0.45C
0.55C
ns
4
tt(TIN)
Transition time, TIM_IN
0.05C
ns
(1)
GPIO000, GPIO001, GPIO002, and GPIO003 can be used as external clock inputs for Timer 3. See the TMS320DM335 Digital Media
System-on-Chip (DMSoC) 64-bit Timer Reference Guide (literature number SPRUFY0).
(2)
P = MXI1/CLKIN cycle time in ns. For example, when MXI1/CLKIN frequency is 24 MHz use P = 41.6 ns.
(3)
C = TIM_IN cycle time in ns. For example, when TIM_IN frequency is 24 MHz use C = 41.6 ns
Figure 5-46. Timer Input Timing
Submit Documentation Feedback
DM335 Peripheral Information and Electrical Specifications
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com