Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1937 Datasheet HTML 11Page - Analog Devices AD1937 Datasheet HTML 12Page - Analog Devices AD1937 Datasheet HTML 13Page - Analog Devices AD1937 Datasheet HTML 14Page - Analog Devices AD1937 Datasheet HTML 15Page - Analog Devices AD1937 Datasheet HTML 16Page - Analog Devices AD1937 Datasheet HTML 17Page - Analog Devices AD1937 Datasheet HTML 18Page - Analog Devices AD1937 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD1937
Rev. 0 | Page 15 of 36
THEORY OF OPERATION
ANALOG-TO-DIGITAL CONVERTERS (ADCs)
There are four ADC channels in the AD1937 configured as two
stereo pairs with differential inputs. The ADCs can operate at a
nominal sample rate of 48 kHz, 96 kHz, or 192 kHz. The ADCs
include on-board digital antialiasing filters with 79 dB stop-
band attenuation and linear phase response, operating at an
oversampling ratio of 128 (48 kHz, 96 kHz, and 192 kHz modes).
Digital outputs are supplied through two serial data output
pins (one for each stereo pair): a common frame clock (ALRCLK)
and a common bit clock (ABCLK). Alternatively, the TDM
modes can be used to access up to 16 channels on a single
TDM data line.
The ADCs must be driven from a differential signal source for
best performance. The input pins of the ADCs connect to internal
switched capacitors. To isolate the external driving op amp from
the glitches caused by the internal switched capacitors, each
input pin should be isolated by using a series-connected external
100 Ω resistor and a 1 nF capacitor connected from each input
to ground. Use a high quality capacitor such as a ceramic
NP0/C0G, or polypropylene film.
The differential inputs have a nominal common-mode voltage
of 1.5 V. The voltage at the common-mode reference pin (CM)
can be used to bias external op amps to buffer the input signals
(see the Power Supply and Voltage Reference section). The
inputs can also be ac-coupled and in that case do not need
an external dc bias to CM.
A digital high-pass filter can be switched in line with the
ADCs (ADC Control 0 Register) to remove residual dc offsets.
It has a 1.4 Hz, 6 dB per octave cutoff at a 48 kHz sample rate.
The cutoff frequency scales directly with sample frequency.
DIGITAL-TO-ANALOG CONVERTERS (DACs)
The AD1937 DAC channels are arranged in four stereo pairs,
giving eight analog outputs; the outputs are differential for
improved noise and distortion performance. The DACs include
on-board digital reconstruction filters with 70 dB stop-band
attenuation and linear phase response, operating at an over-
sampling ratio of 4 (48 kHz or 96 kHz modes) or 2 (192 kHz
mode). Each channel has its own independently programmable
attenuator, adjustable in 255 steps in increments of 0.375 dB.
Digital inputs are supplied through four serial data input pins
(one for each stereo pair), a common frame clock (DLRCLK),
and a common bit clock (DBCLK). Alternatively, one of the
TDM modes can be used to access up to 16 channels on a
single TDM data line.
Each output pin has a nominal common-mode dc level of 1.5 V
and swings ±1.27 V for a 0 dBFS digital input signal. A single
op amp, third-order, external, low-pass filter is recommended
to remove high frequency noise present on the output pins, as
well as to provide a differential-to-single-ended conversion for
the differential output. Note that the use of op amps with low
slew rates or low bandwidth can cause high frequency noise
and tones to fold down into the audio band; exercise care in
selecting these components.
The voltage at CM can be used to bias the external op amps that
buffer the output signals (see the Power Supply and Voltage
Reference section).
CLOCK SIGNALS
The on-chip phase-locked loop (PLL) can be selected to ref-
erence the input sample rate from either of the LRCLK pins
or 256×, 384×, 512×, or 768× sample rate s (fS), referenced to
the 48 kHz mode from the MCLKI/MCLKXI pin. The default at
power-up is 256 × fS from the MCLKI/MCLKXI pin. In 96 kHz
mode, the master clock frequency stays at the same absolute
frequency; therefore, the actual multiplication rate is divided
by 2. In 192 kHz mode, the actual multiplication rate is divided
by 4. For example, if the AD1937 is programmed in 256 × fS
mode, the frequency of the master clock input is 256 × 48 kHz
= 12.288 MHz. If the AD1937 is then switched to 96 kHz
operation (by writing to the I2C port), the frequency of the
master clock should remain at 12.288 MHz, which is 128 × fS
in this example. In 192 kHz mode, this becomes 64 × fS.
The internal clock for the ADCs is 256 × fS for all clock modes.
The internal clock for the DACs varies by mode: 512 × fS (48 kHz
mode), 256 × fS (96 kHz mode), or 128 × fS (192 kHz mode). By
default, the on-board PLL generates this internal master clock
from an external clock. A direct 512 × fS (referenced to 48 kHz
mode) master clock can be used for either the ADCs or DACs,
if selected in the PLL and Clock Control 1 register.
Note that it is not possible to use a direct clock for the ADCs
set to the 192 kHz mode. It is required that the on-chip PLL
be used in this mode.
The PLL can be powered down in the PLL and Clock Control 0
Register. To ensure reliable locking when changing PLL modes,
or if the reference clock is unstable at power-on, power down
the PLL and then power it back up after the reference clock has
stabilized.
The internal master clock (MCLK) can be disabled in the
PLL and Clock Control 0 register to reduce power dissipation
when the AD1937 is idle. The clock should be stable before it
is enabled. Unless a standalone mode is selected (see the I2C
Control Port section), the clock is disabled by reset and must
be enabled by writing to the I2C port for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com