Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 31 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD1937 Datasheet HTML 27Page - Analog Devices AD1937 Datasheet HTML 28Page - Analog Devices AD1937 Datasheet HTML 29Page - Analog Devices AD1937 Datasheet HTML 30Page - Analog Devices AD1937 Datasheet HTML 31Page - Analog Devices AD1937 Datasheet HTML 32Page - Analog Devices AD1937 Datasheet HTML 33Page - Analog Devices AD1937 Datasheet HTML 34Page - Analog Devices AD1937 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD1937
Rev. 0 | Page 31 of 36
Table 31. ADC Control 2 Register (Address 16, 0x10)
Bit
Value
Function
Description
0
0
50/50 (allows 32, 24, 20, or 16 BCLKs per channel)
ALRCLK format
1
Pulse (32 BCLKs per channel)
1
0
Drive out on falling edge (DEF)
ABCLK polarity
1
Drive out on rising edge
2
0
Left low
ALRCLK polarity
1
Left high
3
0
Slave
ALRCLK master/slave
1
Master
5:4
00
64 cycles
ABCLKs per frame
01
128 cycles
10
256 cycles
11
512 cycles
6
0
Slave
ABCLK master/slave
1
Master
7
0
ABCLK pin
ABCLK source
1
Internally generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com