Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 26 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD1937 Datasheet HTML 22Page - Analog Devices AD1937 Datasheet HTML 23Page - Analog Devices AD1937 Datasheet HTML 24Page - Analog Devices AD1937 Datasheet HTML 25Page - Analog Devices AD1937 Datasheet HTML 26Page - Analog Devices AD1937 Datasheet HTML 27Page - Analog Devices AD1937 Datasheet HTML 28Page - Analog Devices AD1937 Datasheet HTML 29Page - Analog Devices AD1937 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD1937
Rev. 0 | Page 26 of 36
ADDITIONAL MODES
The AD1937 offers several additional modes for board level
design enhancements. To reduce the EMI in board level design,
serial data can be transmitted without an explicit BCLK. See
Figure 28 and Figure 29 for an example of a DAC TDM data
transmission mode that does not require high speed DBCLK.
This configuration is applicable when the AD1937 master
clock is generated by the PLL with the DLRCLK as the PLL
reference frequency.
To relax the requirement for the setup time of the AD1937 in
cases of high speed TDM data transmission, the AD1937 can
latch in the data using the falling edge of DBCLK. This effec-
tively dedicates the entire BCLK period to the setup time. This
mode is useful in cases where the source has a large delay time
in the serial data driver. Figure 30 shows this pipeline mode of
data transmission.
Both the BCLK-less and pipeline modes are available on the
ADC serial data port.
DLRCLK
INTERNAL
DBCLK
DSDATAx
32 BITS
Figure 28. Serial DAC Data Transmission in TDM Format Without DBCLK; 2-Channel 64 BCLKs per Frame Mode
(Applicable Only If PLL Locks to DLRCLK; This Mode Is Also Available in the ADC Serial Data Port)
DLRCLK
DBCLK
DSDATAn
DATA MUST BE VALID
AT THIS BCLK EDGE
MSB
Figure 29. Serial DAC Data Transmission in TDM Format Without DBCLK; 128 to 512 BCLKs per Frame TDM Mode
(Applicable Only If PLL Locks to DLRCLK; This Mode Is Also Available in the ADC Serial Data Port)
DLRCLK
INTERNAL
DBCLK
TDM DSDATAn
Figure 30. I2S Pipeline Mode in DAC Serial Data Transmission
(Applicable in Stereo and TDM, Useful for High Frequency TDM Transmission;
This Mode Is Also Available in the ADC Serial Data Port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com