Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1937 Datasheet HTML 14Page - Analog Devices AD1937 Datasheet HTML 15Page - Analog Devices AD1937 Datasheet HTML 16Page - Analog Devices AD1937 Datasheet HTML 17Page - Analog Devices AD1937 Datasheet HTML 18Page - Analog Devices AD1937 Datasheet HTML 19Page - Analog Devices AD1937 Datasheet HTML 20Page - Analog Devices AD1937 Datasheet HTML 21Page - Analog Devices AD1937 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD1937
Rev. 0 | Page 18 of 36
Table 13. I2C Abbreviation Table
Abbreviation
Condition
S
Repeated start by master
P
Stop by master
AM
Acknowledge by master
AS
Acknowledge by AD1937
Table 14. Single Word I2C Write
S
Chip Address, R/W = 0
AS
Register Address
AS
Data Word
AS
P
Table 15. Burst Mode I2C Write
S
Chip Address, R/W = 0
AS
Register Address
AS
Data Word 1
AS
Data Word 2
AS
Data Word N
AS
P
Table 16. Single Word I2C Read
S
Chip Address, R/W = 0
AS
Register Address
AS
S
Chip Address, R/W = 1
AS
Data Word
AM
P
Table 17. Burst Mode I2C Read
S
Chip Address,
R/W = 0
AS
Register
Address
AS
S
Chip Address,
R/W = 1
AS
Data
Word 1
AM
Data
Word 2
AM
Data
Word N
AM
P
POWER SUPPLY AND VOLTAGE REFERENCE
The AD1937 is designed for a 3.3 V supply. Separate power
supply pins are provided for the analog and digital sections.
To minimize noise pickup, these pins should be bypassed with
100 nF ceramic chip capacitors placed as close to the pins as
possible. A bulk aluminum electrolytic capacitor of at least
22 μF should also be provided on the same printed circuit
board (PCB) as the codec. For critical applications, improved
performance is obtained with separate supplies for the analog
and digital sections. If this is not possible, it is recommended
that the analog and digital load pins be isolated by means of a
ferrite bead in series with the supply. It is important that the
analog supply be as clean as possible.
The AD1937 includes a 3.3 V regulator driver that only requires
an external pass transistor, a resistor, and bypass capacitors to
turn a 5 V supply into 3.3 V. If the regulator driver is not used,
connect VSUPPLY, VDRIVE, and VSENSE to DGND.
All digital inputs are compatible with TTL and CMOS levels.
All outputs are driven from the 3.3 V DVDD supply and are
compatible with TTL and 3.3 V CMOS levels.
The ADC and DAC internal analog voltage reference (VREF) is
brought out on the FILTR pin and should be bypassed as close
as possible to the chip with a parallel combination of 10 μF and
100 nF capacitors. Any external current drawn should be limited
to less than 50 μA.
The internal reference can be disabled in the PLL and Clock
Control 1 register, and FILTR can be driven from an external
source. This can be used to scale the DAC output to the clipping
level of a power amplifier based on its power supply voltage.
The ADC input gain varies by the inverse ratio. It is not advisable
to drive the FILTR pin with more than (AVDD/2) V. The total
gain from ADC input to DAC output remains constant.
The CM pin should be bypassed as close as possible to the chip,
with a parallel combination of 47 μF and 100 nF capacitors. This
voltage can be used to bias external op amps to the common-mode
voltage of the input and output signal pins. The output current
should be limited to less than 0.5 mA source and 2 mA sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com