Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 32 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD1937 Datasheet HTML 28Page - Analog Devices AD1937 Datasheet HTML 29Page - Analog Devices AD1937 Datasheet HTML 30Page - Analog Devices AD1937 Datasheet HTML 31Page - Analog Devices AD1937 Datasheet HTML 32Page - Analog Devices AD1937 Datasheet HTML 33Page - Analog Devices AD1937 Datasheet HTML 34Page - Analog Devices AD1937 Datasheet HTML 35Page - Analog Devices AD1937 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD1937
Rev. 0 | Page 32 of 36
APPLICATIONS CIRCUITS
Typical application circuits are shown in Figure 31 through Figure 34. Figure 31 shows a typical ADC input filter circuit. Recommended
loop filters for LRCLK and MCLK as the PLL reference are shown in Figure 32. Output filters for the DAC outputs are shown in Figure 33
and a regulator circuit is shown in Figure 34.
2
1
3
OP275
–
+
6
7
5
OP275
–
+
5.76kΩ
5.76kΩ
237Ω
5.76kΩ
120pF
600Z
AUDIO
INPUT
100pF
5.76kΩ
120pF
4.7µF
+
237Ω
4.7µF
+
100pF
1nF
NPO
1nF
NPO
ADCxxN
ADCxxP
Figure 31. Typical ADC Input Filter Circuit
39nF
2.2nF
LF
LRCLK
AVDD2
3.32kΩ
5.6nF
390pF
LF
MCLK
AVDD2
562Ω
Figure 32. Recommended Loop Filters for LRCLK or MCLK as PLL Reference
2
1
3
OP275
–
+
2.2nF
NPO
AUDIO
OUTPUT
604Ω
68pF
NPO
150pF
NPO
560pF
NPO
270pF
NPO
DAC
OUTN
3.01kΩ
11kΩ
DAC
OUTP
1.50kΩ
5.62kΩ
11kΩ
5.62kΩ
Figure 33. Typical DAC Output Filter Circuit (Differential)
10µF
+
E
C
B
VSUPPLY
5V
VSENSE
3.3V
FZT953
VDRIVE
1kΩ
100nF
10µF
+
100nF
Figure 34. Recommended 3.3 V Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com