Electronic Components Datasheet Search
  English  ▼

X  

AD1937 Datasheet(PDF) 28 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1937 Datasheet HTML 24Page - Analog Devices AD1937 Datasheet HTML 25Page - Analog Devices AD1937 Datasheet HTML 26Page - Analog Devices AD1937 Datasheet HTML 27Page - Analog Devices AD1937 Datasheet HTML 28Page - Analog Devices AD1937 Datasheet HTML 29Page - Analog Devices AD1937 Datasheet HTML 30Page - Analog Devices AD1937 Datasheet HTML 31Page - Analog Devices AD1937 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD1937
Rev. 0 | Page 28 of 36
Table 23. PLL and Clock Control 1 Register (Address 1, 0x01)
Bit
Value
Function
Description
0
0
PLL clock
DAC clock source select
1
MCLK
1
0
PLL clock
ADC clock source select
1
MCLK
2
0
Enabled
On-chip voltage reference
1
Disabled
3
0
Not locked
PLL lock indicator (read-only)
1
Locked
7:4
0000
Reserved
DAC CONTROL REGISTERS
Table 24. DAC Control 0 Register (Address 2, 0x02)
Bit
Value
Function
Description
0
0
Normal
Power-down
1
Power-down
2:1
00
32 kHz/44.1 kHz/48 kHz
Sample rate
01
64 kHz/88.2 kHz/96 kHz
10
128 kHz/176.4 kHz/192 kHz
11
Reserved
5:3
000
1 cycle (I2S mode)
DSDATA delay (BCLK periods)
001
0 (left-justified mode)
010
8 cycles (right-justified 24-bit mode)
011
12 cycles (right-justified 20-bit mode)
100
16 cycles (right-justified 16-bit mode)
101
Reserved
110
Reserved
111
Reserved
7:6
00
Stereo (normal)
Serial format
01
TDM single-line, standalone, and daisy-chain modes
10
TDM/AUX mode (ADC-, DAC-, TDM-coupled)
11
TDM dual-line daisy-chain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com