Electronic Components Datasheet Search
  English  ▼

X  

AD5734R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5734R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 4 Page - Analog Devices

  AD5734R Datasheet HTML 1Page - Analog Devices AD5734R Datasheet HTML 2Page - Analog Devices AD5734R Datasheet HTML 3Page - Analog Devices AD5734R Datasheet HTML 4Page - Analog Devices AD5734R Datasheet HTML 5Page - Analog Devices AD5734R Datasheet HTML 6Page - Analog Devices AD5734R Datasheet HTML 7Page - Analog Devices AD5734R Datasheet HTML 8Page - Analog Devices AD5734R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5724R/AD5734R/AD5754R
Preliminary Technical Data
Rev. PrC | Page 4 of 32
SPECIFICATIONS
DUAL SUPPLY SPECIFICATIONS
AVDD = 4.5 V1 to 16.5 V, AVSS = −4.5 V1 to −16.5 V, GND = 0 V, REFIN= +2.5 V external, DVCC = 2.7 V to 5.5 V,
RLOAD = 2 kΩ, CLOAD = 200 pF; all specifications TMIN to TMAX, ±10 V range unless otherwise noted.
Table 2.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Bipolar Output
Resolution
AD5754R
16
Bits
AD5734R
14
Bits
AD5724R
12
Bits
Total Unadjusted Error (TUE)
0.1
% FSR max
Over temperature, supplies, and time
Relative Accuracy (INL)
B Grade
±16
LSB max
@ 16-bit resolution
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic (@ 16-bit resolution)
Bipolar Zero Error
±5
mV max
@ 25°C, error at other temperatures obtained using Bipolar Zero TC
Bipolar Zero TC2
±8
ppm FSR/°C max
Zero-Scale Error
±1
mV max
@ 25°C, error at other temperatures obtained using Zero Scale TC
Zero-Scale TC2
±8
ppm FSR/°C max
Gain Error
±0.05
% FSR max
@ 25°C, error at other temperatures obtained using Gain TC
Gain TC2
±8
ppm FSR/°C max
DC Crosstalk2
0.6
LSB max
@ 16-bit resolution
Unipolar Output
Resolution
AD5754R
16
Bits
AD5734R
14
Bits
AD5724R
12
Bits
Total Unadjusted Error (TUE)
0.1
% FSR max
Over temperature, supplies, and time
Relative Accuracy (INL)
B Grade
±16
LSB max
@ 16-bit resolution
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic (@ 16 bit-resolution)
Zero-Scale Error
+10
mV max
@ 25°C, error at other temperatures obtained using Zero-Scale TC
Zero-Scale TC2
±4
ppm FSR/°C max
Offset Error
±10
mV max
Gain Error
±0.05
% FSR max
@ 25°C, error at other temperatures obtained using Gain TC
Gain TC2
±4
ppm FSR/°C max
DC Crosstalk2
0.6
LSB max
@ 16-bit resolution
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
2.5
V nom
±1% for specified performance
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±10
µA max
Typically ±30 nA
Reference Range
2 to 3
V min to V max
Reference Output
Output Voltage
2.498 to 2.502
V min to V max
@ 25°C
Reference TC
±5
ppm/°C typ
±10
ppm/°C max
Output Noise (0.1 Hz to 10 Hz)2
18
µV p-p typ
Noise Spectral Density2
75
nV/√Hz typ
@ 10 kHz
Output Voltage Drift vs. Time2
±40
ppm/500 hr typ
±50
ppm/1000 hr typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com