Electronic Components Datasheet Search
  English  ▼

X  

AD5734R Datasheet(PDF) 32 Page - Analog Devices

Part # AD5734R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5734R Datasheet HTML 24Page - Analog Devices AD5734R Datasheet HTML 25Page - Analog Devices AD5734R Datasheet HTML 26Page - Analog Devices AD5734R Datasheet HTML 27Page - Analog Devices AD5734R Datasheet HTML 28Page - Analog Devices AD5734R Datasheet HTML 29Page - Analog Devices AD5734R Datasheet HTML 30Page - Analog Devices AD5734R Datasheet HTML 31Page - Analog Devices AD5734R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD5724R/AD5734R/AD5754R
Preliminary Technical Data
Rev. PrC | Page 32 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-ADT
24
13
12
1
6.40 BSC
0.15
0.05
0.10 COPLANARITY
TOP VIEW
EXPOSED
PAD
(Pins Up)
BOTTOM VIEW
4.50
4.40
4.30
7.90
7.80
7.70
1.20 MAX
1.05
1.00
0.80
0.65
BSC
0.30
0.19
SEATING
PLANE
0.20
0.09
8°
0°
0.75
0.60
0.45
5.02
5.00
4.95
3.25
3.20
3.15
Figure 49. 24-Lead Thin Shrink Small Outline Package, Exposed Pad [TSSOP_EP]
(RE-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Resolution
Temperature Range
INL
Package Description
Package Option
AD5724RBREZ1
12
−40°C to 85°C
±1 LSB
24-Lead TSSOP_EP
RE-24
AD5724RBREZ-REEL71
12
−40°C to 85°C
±1 LSB
24-Lead TSSOP_EP
RE-24
AD5734RBREZ1
14
−40°C to 85°C
±4 LSB
24-Lead TSSOP_EP
RE-24
AD5734RBREZ-REEL71
14
−40°C to 85°C
±4 LSB
24-Lead TSSOP_EP
RE-24
AD5754RBREZ1
16
−40°C to 85°C
±16 LSB
24-Lead TSSOP_EP
RE-24
AD5754RBREZ-REEL71
16
−40°C to 85°C
±16 LSB
24-Lead TSSOP_EP
RE-24
1 Z = Pb-free part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06465-0-11/07(PrC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com