Electronic Components Datasheet Search
  English  ▼

X  

AD5734R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5734R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5734R Datasheet HTML 7Page - Analog Devices AD5734R Datasheet HTML 8Page - Analog Devices AD5734R Datasheet HTML 9Page - Analog Devices AD5734R Datasheet HTML 10Page - Analog Devices AD5734R Datasheet HTML 11Page - Analog Devices AD5734R Datasheet HTML 12Page - Analog Devices AD5734R Datasheet HTML 13Page - Analog Devices AD5734R Datasheet HTML 14Page - Analog Devices AD5734R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Preliminary Technical Data
AD5724R/AD5734R/AD5754R
Rev. PrC | Page 11 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 6.
Parameter
Rating
AVDD to GND
−0.3 V to +17 V
AVSS to GND
+0.3 V to −17 V
DVCC to GND
−0.3 V to +7 V
Digital Inputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DVCC + 0.3 V or 7V
(whichever is less)
REFIN/REFOUT to GND
−0.3 V to +17 V
VOUTA, VOUTB, VOUTC, VOUTD to GND
AVSS to AVDD
DAC_GND to GND
-0.3V to +0.3V
SIG_GND to GND
-0.3V to +0.3V
Operating Temperature Range, TA
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature, TJ max
105°C
24-Lead TSSOP Package
θJA Thermal Impedance
90°C/W
Power Dissipation
(TJ max – TA)/ θJA
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com