Electronic Components Datasheet Search
  English  ▼

X  

AD5734R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5734R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5734R Datasheet HTML 21Page - Analog Devices AD5734R Datasheet HTML 22Page - Analog Devices AD5734R Datasheet HTML 23Page - Analog Devices AD5734R Datasheet HTML 24Page - Analog Devices AD5734R Datasheet HTML 25Page - Analog Devices AD5734R Datasheet HTML 26Page - Analog Devices AD5734R Datasheet HTML 27Page - Analog Devices AD5734R Datasheet HTML 28Page - Analog Devices AD5734R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Preliminary Technical Data
AD5724R/AD5734R/AD5754R
Rev. PrC | Page 25 of 32
Ideal Output Voltage to Input Code Relationship—AD5734R
Table 12. Bipolar Output, Offset Binary Coding
Digital Input
Analog Output
MSB
LSB
±5 V Output Range
±10 V Output Range
±10.8 V Output Range
11
1111
1111
1111
+2 REFIN(8191/8192)
+4 REFIN(8191/8192)
+4.32 REFIN(8191/8192)
11
1111
1111
1110
+2 REFIN(8190/8192)
+4 REFIN(8190/8192)
+4.32 REFIN(8190/8192)
–
–
–
–
–
–
–
10
0000
0000
0001
+2 REFIN(1/8192)
+4 REFIN(1/8192)
+4 REFIN(1/8192)
10
0000
0000
0000
0 V
0 V
0 V
01
1111
1111
1111
−2 REFIN(1/8192)
−4 REFIN(1/8192)
−4.32 REFIN(1/8192)
–
–
–
–
–
–
–
00
0000
0000
0001
−2 REFIN(8190/8192)
−4 REFIN(8190/8192)
−4.32 REFIN(8190/8192)
00
0000
0000
0000
−2 REFIN(8191/8191)
−4 REFIN(8191/8192)
−4.32 REFIN(8191/8192)
Table 13. Bipolar Output, Twos Complement Coding
Digital Input
Analog Output
MSB
LSB
±5 V Output Range
±10 V Output Range
±10.8 V Output Range
01
1111
1111
1111
+2 REFIN(8191/8192)
+4 REFIN(8191/8192)
+4.32 REFIN(8191/8192)
01
1111
1111
1110
+2 REFIN(8190/8192)
+4 REFIN(8190/8192)
+4.32 REFIN(8190/8192)
–
–
–
–
–
–
–
00
0000
0000
0001
+2 REFIN(1/8192)
+4 REFIN(1/8192)
+4 REFIN(1/8192)
00
0000
0000
0000
0 V
0 V
0 V
11
1111
1111
1111
−2 REFIN(1/8192)
−4 REFIN(1/8192)
−4.32 REFIN(1/8192)
–
–
–
–
–
–
–
10
0000
0000
0001
−2 REFIN(8190/8192)
−4 REFIN(8190/8192)
−4.32 REFIN(8190/8192)
10
0000
0000
0000
−2 REFIN(8191/8192)
−4 REFIN(8191/8192)
−4.32 REFIN(8191/8192)
Table 14. Unipolar Output, Straight Binary Coding
Digital Input
Analog Output
MSB
LSB
±5 V Output Range
±10 V Output Range
±10.8 V Output Range
11
1111
1111
1111
+2 REFIN(16383/16384)
+4 REFIN(16383/16384)
+4.32 REFIN(16383/16384)
11
1111
1111
1110
+2 REFIN(16382/16384)
+4 REFIN(16382/16384)
+4.32 REFIN(16382/16384)
–
–
–
–
–
–
–
10
0000
0000
0001
+2 REFIN(8193/16384)
+4 REFIN(8193/16384)
+4.32 REFIN(8193/16384)
10
0000
0000
0000
+2 REFIN(8192/16384)
+4 REFIN(8192/16384)
+4.32 REFIN(8192/16384)
01
1111
1111
1111
+2 REFIN(8191/16384)
+4 REFIN(8191/16384)
+4.32 REFIN(8191/16384)
–
–
–
–
–
–
–
00
0000
0000
0001
+2 REFIN(1/16384)
+4 REFIN(1/16384)
+4.32 REFIN(1/16384)
00
0000
0000
0000
0 V
0 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com