Electronic Components Datasheet Search
  English  ▼

X  

AD5734R Datasheet(PDF) 5 Page - Analog Devices

Part # AD5734R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 5 Page - Analog Devices

  AD5734R Datasheet HTML 1Page - Analog Devices AD5734R Datasheet HTML 2Page - Analog Devices AD5734R Datasheet HTML 3Page - Analog Devices AD5734R Datasheet HTML 4Page - Analog Devices AD5734R Datasheet HTML 5Page - Analog Devices AD5734R Datasheet HTML 6Page - Analog Devices AD5734R Datasheet HTML 7Page - Analog Devices AD5734R Datasheet HTML 8Page - Analog Devices AD5734R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Preliminary Technical Data
AD5724R/AD5734R/AD5754R
Rev. PrC | Page 5 of 32
Parameter
Value
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS2
Output Voltage Range
±10.8
V min to V max
AVDD/AVSS = ±11.7 V min , REFIN = +2.5 V
±12
V min to V max
AVDD/AVSS = ±12.9 V min, REFIN = +3 V
Headroom
0.9
V max
0.5
V typ
Output Voltage TC
±8
ppm FSR/°C max
Output Voltage Drift vs. Time
±12
ppm FSR/500 hr
typ
±15
ppm FSR/1000 hr
typ
Short-Circuit Current
20
mA typ
Load
2
kΩ min
For specified performance
Capacitive Load Stability
4000
pF max
DC Output Impedance
0.5
Ω typ
DIGITAL INPUTS2
DVCC = 2.7 V to 5.5 V, JEDEC compliant
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0.8
V max
Input Current
±1
µA max
Per pin
Pin Capacitance
5
pF typ
Per pin
DIGITAL OUTPUTS (SDO) 2
VOL, Output Low Voltage
0.4
V max
DVCC = 5 V ± 10%, sinking 200 µA
VOH, Output High Voltage
DVCC − 1
V min
DVCC = 5 V ± 10%, sourcing 200 µA
VOL, Output Low Voltage
0.4
V max
DVCC = 2.7 V to 3.6 V, sinking 200 µA
VOH, Output High Voltage
DVCC − 0.5
V min
DVCC = 2.7 V to 3.6 V, sourcing 200 µA
High Impedance Leakage Current
±1
µA max
High Impedance Output
Capacitance
5
pF typ
POWER REQUIREMENTS
AVDD
4.5 to 16.5
V min to V max
AVSS
-4.5 to -16.5
V min to V max
DVCC
2.7 to 5.5
V min to V max
Power Supply Sensitivity2
∆VOUT/∆ΑVDD
−75
dB typ
200mV sine wave superimposed on AVSS/AVDD @ 50/60 Hz
AIDD
2
mA/channel max
Outputs unloaded
AISS
1.5
mA/channel max
Outputs unloaded
DICC
1
µA max
VIH = DVCC, VIL = GND, 0.5 µA typ
Power Dissipation
TBD
mW typ
±12 V operation, outputs unloaded
Power-Down Currents
All DAC channels and internal reference powered-down
AIDD
80
µA typ
AISS
TBD
µA typ
DICC
TBD
µA typ
1 For specified performance minimum headroom requirement is 0.9V
2 Guaranteed by characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com