Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 4 Page - Analog Devices

  ADF9010 Datasheet HTML 1Page - Analog Devices ADF9010 Datasheet HTML 2Page - Analog Devices ADF9010 Datasheet HTML 3Page - Analog Devices ADF9010 Datasheet HTML 4Page - Analog Devices ADF9010 Datasheet HTML 5Page - Analog Devices ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF9010
Rev. 0 | Page 4 of 28
RECEIVE BASEBAND CHARACTERISTICS
AVDD = DVDD = 3.3 V ± 5%, AGND = DGND = GND = 0 V, TA = 25°C, dBm refers to 50 Ω, 1.4 V p-p differential sine waves in
quadrature on a 500 mV dc bias, baseband frequency = 1 MHz, unless otherwise noted.
Table 2.
Parameter
B Version1
Unit
Test Conditions/Comments
Min
Typ
Max
RECEIVE BASEBAND PGA
Highest Voltage Gain
24
dB
Lowest Voltage Gain
3
dB
Gain Control Range
18
dB
Programmable using 3-bit interface
Gain Control Step
3
dB
Noise Spectral Density (Referred to Input)
3.5
nV/√Hz
At maximum PGA gain
RECEIVE BASEBAND FILTERS
3 dB Cutoff Frequency (Mode 0)
320
kHz
After filter calibration
Gain Flatness
0.5
dB
Typical from dc to 90 kHz
Differential Group Delay
500
μs
DC to 360 kHz
150
μs
170 kHz to 310 kHz
Attenuation Template
After filter calibration
@ 330 kHz Offset
−3
dB
@ 500 kHz Offset
−8
dB
@ 1 MHz Offset
−28
dB
3 dB Cutoff Frequency (Mode 1)
880
kHz
After filter calibration
Gain Flatness
0.5
dB
DC to 90 kHz
Differential Group Delay
500
μs
DC to 360 kHz
150
μs
170 kHz to 310 kHz
Attenuation Template
After filter calibration
@ 880 kHz Offset
−3
dB
@ 2 MHz Offset
−17
dB
@ 4 MHz Offset
−38
dB
3 dB Cutoff Frequency (Mode 2)
1.76
MHz
After filter calibration
Gain Flatness
0.5
dB
DC to 90 kHz
Differential Group Delay
500
μs
DC to 360 kHz
150
μs
170 kHz to 310 kHz
Attenuation Template
After filter calibration
@ 1.76 MHz Offset
−3
dB
@ 4 MHz Offset
−18
dB
@ 8 MHz Offset
−38
dB
@ 16 MHz Offset
−60
dB
3 dB Cutoff Frequency (Mode 3)
4
MHz
After filter calibration
Gain Flatness
0.5
dB
DC to 90 kHz
Differential Group Delay
500
μs
DC to 360 kHz
@ 2 MHz Offset
−0.5
dB
@ 4 MHz Offset
−2
dB
Input Impedance of Each Pin
@ 24 dB gain
250
Ω
@ 3 dB gain
4
kΩ
Input Capacitance of Each Pin
3
pF
At 10 MHz
Input Signal Level
2
V p-p
Measured differentially at I or Q
Common-Mode Output Level
1.65
V
On Rx baseband outputs
Maximum Residual DC
150
mV
Baseband gain 0 dB − 27 dB
1 Operating temperature range for the B version is −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com