Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 10Page - Analog Devices ADF9010 Datasheet HTML 11Page - Analog Devices ADF9010 Datasheet HTML 12Page - Analog Devices ADF9010 Datasheet HTML 13Page - Analog Devices ADF9010 Datasheet HTML 14Page - Analog Devices ADF9010 Datasheet HTML 15Page - Analog Devices ADF9010 Datasheet HTML 16Page - Analog Devices ADF9010 Datasheet HTML 17Page - Analog Devices ADF9010 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADF9010
Rev. 0 | Page 14 of 28
LO Output
Mixers
The LOOUTP and LOOUTN pins are connected to the collectors
of an NPN differential pair driven by buffered outputs from the
VCO, as shown in Figure 18. To allow optimal power dissipation
vs. the output power requirements, the tail current of the diffe-
rential pair is programmable via Bit TP1 and Bit TP2 in the
control latch. The four current levels that can be set are: 6 mA,
8.5 mA, 11.5 mA, and 17.5 mA. These levels give output power
levels of −4 dBm, −1 dBm, +2 dBm, and +5 dBm, respectively,
if both outputs are combined in a 1 + 1:1 transformer or a 180°
microstrip coupler.
The ADF9010 has two double-balanced mixers, one for the
in-phase channel (I channel) and one for the quadrature
channel (Q channel). Both mixers are based on the Gilbert
cell design of four cross-connected transistors.
Tx Output
The TxOUTP and TxOUTN pins of the ADF9010 are connected
to the collectors of four NPN differential pairs driven by the
baseband signals, as shown in Figure 20. To allow the user
optimal power dissipation vs. the output power requirements,
the tail current of the differential pair is programmable via
Bit TP1 and Bit TP2 in the control latch. Two levels can be set;
these levels give output power levels of −3 dBm and, +3 dBm,
respectively, using a 50 Ω resistor to VDD and ac coupling into a
50 Ω load. Alternatively, both outputs can be combined in a 1 +
1:1 transformer or a 180° microstrip coupler. This buffer can be
powered off if desired.
If the outputs are used individually, the optimum output stage
consists of a shunt inductor to VDD.
Another feature of the ADF9010 is that the supply current to
the RF output stage is shut down until the part achieves lock as
measured by the digital lock detect circuitry. This is enabled by
the mute Tx until lock detect (F4) bit in the control latch.
VCO
LOOUTPLOOUTN
BUFFER/
DIVIDE BY 4
Another feature of the ADF9010 is that the supply current to the Tx
output stage is shut down until the part achieves lock as measured
by the digital lock detect circuitry. This is enabled by the mute LO
until lock detect bit (F5) in the control latch.
TxOUTP
TxOUTN
LOQP
LOQN
LOIP
LOIN
IP
IN
QP
QN
Figure 18. LO Output Section
Tx SECTION
Figure 20. Tx Section
TxOUTP
LOEXTP
LOEXTN
LOOUTP
LOOUTN
TxOUTN
TxBBQP
TxBBQN
TXBBIP
TXBBIN
÷4
QUAD
PHASE
SPLITTER
VCO
INT/
EXT
INTERFACING
Input Shift Register
The digital section of the ADF9010 includes a 24-bit input shift
register. Data is clocked into the 24-bit shift register on each
rising edge of SCLK. The data is clocked in MSB first. Data is
transferred from the shift register to one of four latches on
the rising edge of SLE. The destination latch is determined by
the state of the two control bits (C2, C1) in the shift register.
These are the two LSBs, DB1 and DB0, as shown in Figure 21.
The truth table for Bit C3, Bit C2, and Bit C1 is shown in Table 7.
It displays a summary of how the latches are programmed. Note
that some bits are used for factory testing and should not be
programmed by the user.
Figure 19. Tx Section
Tx Baseband Inputs
Differential in-phase (I) and quadrature baseband (Q) inputs
are high impedance inputs that must be dc-biased to approx-
imately 500 mV dc and e driven from a low impedance source.
Nominal characterized ac signal swing is 700 mV p-p on each
pin. This results in a differential drive of 1.4 V p-p with a 500 mV
dc bias.
Table 7. Truth Table
Control Bits
Data Latch
C3
C2
C1
X
0
0
Control latch
0
0
1
Tx latch
1
0
1
Rx calibration
X
1
0
LO latch
X
1
1
Rx filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com