Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 18Page - Analog Devices ADF9010 Datasheet HTML 19Page - Analog Devices ADF9010 Datasheet HTML 20Page - Analog Devices ADF9010 Datasheet HTML 21Page - Analog Devices ADF9010 Datasheet HTML 22Page - Analog Devices ADF9010 Datasheet HTML 23Page - Analog Devices ADF9010 Datasheet HTML 24Page - Analog Devices ADF9010 Datasheet HTML 25Page - Analog Devices ADF9010 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADF9010
Rev. 0 | Page 22 of 28
Rx Calibration Divider
Bit RC6 to Bit RC1 program a 6-bit divider, which outputs
a divided REFIN signal to assist calibration of the cutoff
frequency, fC, of the Rx filters. The calibration circuit uses
this divideddown PLL reference frequency to ensure an
accurate cutoff frequency in the Rx filter. The divider value
should be chosen to ensure that the frequency of the divided
down signal is exactly 2 MHz, that is, if a 32 MHz crystal is
used as the PLL REFIN frequency, then a value of 16 should
be programmed to the counter to ensure accurate calibration.
High-Pass Filter Boost Timeout Counter
In most applications of the ADF9010, a high-pass filter is placed
between the demodulator outputs and the ADF9010 Rx inputs.
The capacitors used in these filters may require a long charge
up time, and to address this, a filter boost function exists that
charges up the capacitor to ~1.6 V. The duration for this boost
is set by the product of the period of the Rx calibration signal,
(REFIN divided by the Rx calibration divider) and the 6-bit value
programmed to these registers. This value can be as large as 63.
Programming a value of 000000 leads to the calibration time
being manually set by the HPF boost in the Rx latch. It becomes
necessary in such cases to program this bit to 0 for normal Rx
operation.
LO LATCH
Program the LO latch with (C2, C1) = (1, 0). Figure 25 shows
the input data format for programming the LO latch.
Prescaler
Bit P2 and Bit P1 in the LO latch set the prescaler values.
CP Gain
Setting G1 to 0 chooses the programmed charge pump current
setting from the control latch. Setting this bit to 1 chooses the
maximum possible setting.
N Div Mux
Setting M1 to 0 feeds the VCO signals back to the N divider.
Setting this bit to 1 allows the mux signal to be fed back instead.
B Counter Latch
Bit B13 to Bit B1 program the B counter. The divide range is
3 (00 … 0011) to 8191 (11 … 111).
A Counter Latch
Bit A5 to Bit A1 program the 5-bit A counter. The divide range
is 0 (00000) to 31 (11111).
Rx LATCH
Program the Rx latch with (C2, C1) = (1, 1). Figure 26 shows
the input data format for programming the LO latch.
High-Pass Filter Boost
This function is enabled by setting the HP bit to 1. A 0 disables
this function. This is used to reduce settling time on the high-
pass filter from the Rx demodulator. This is usually used in
conjunction with the high-pass filter boost counter (See the
Rx Calibration Latch section).
Rx Filter Bandwidth
The Rx filter bandwidth is programmable and is controlled by
Bit BW2 and Bit BW1. See the truth table in Figure 26.
Rx Filter Gain Steps
Bit G3 to Bit G1 set the gain of the Rx filters. The gain can
vary from 3 dB to 24 dB in 3 dB steps. See the truth table in
Figure 26.
INITIALIZATION
The correct initialization sequence for the ADF9010 is as follows:
1.
Power-down all blocks: Tx, Rx, PLL, and VCO. Set the Tx
output power off control latch to (1, 1). Set the LO phase
select off (P1, P2, P3) in Tx latch to (1, 1, 1).
2.
Program the R1 latch with the desired R counter and
Tx values.
3.
Program R5 with Rx calibration data for frequency
calibration and high-pass filter boost.
4.
Program R0 to power up all LO and Tx/Rx blocks.
5.
Program R2 to encode correct LO frequency.
6.
Program R3 to power up Rx filter.
INTERFACING
The ADF9010 has a simple SPI®-compatible interface for
writing to the device. SCLK, SDATA, and SLE control the data
transfer. See Figure 2 for the timing diagram.
The maximum allowable serial clock rate is 20 MHz. This
means that the maximum update rate possible for the device
is 833 kHz or one update every 1.2 μs. This is certainly more
than adequate for systems that have typical lock times in
hundreds of microseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com