Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 19Page - Analog Devices ADF9010 Datasheet HTML 20Page - Analog Devices ADF9010 Datasheet HTML 21Page - Analog Devices ADF9010 Datasheet HTML 22Page - Analog Devices ADF9010 Datasheet HTML 23Page - Analog Devices ADF9010 Datasheet HTML 24Page - Analog Devices ADF9010 Datasheet HTML 25Page - Analog Devices ADF9010 Datasheet HTML 26Page - Analog Devices ADF9010 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADF9010
Rev. 0 | Page 23 of 28
APPLICATIONS INFORMATION
AGND
DGND
24-BIT
INPUT SHIFT
REGISTER
PHASE
FREQUENCY
DETECTOR
PRESCALER
P/P + 1
N COUNTER
N = BP + A
PLL
DC OFFSET
CORRECTION
DC OFFSET
CORRECTION
TxOUTP
TxOUTN
TxBBIP
TxBBIN
TxBBQP
TxBBQN
CP
REFIN
SCLK
SDATA
SLE
AVDD
DVDD
VP
MUXOUT
R
COUNTER
B
COUNTER
A
COUNTER
VCM
RSET
RxINIP
RxININ
RxBBIP
RxBBIN
RxBBQP
RxBBQN
RxINQP
RxINQN
OVF
CEXT1
CEXT2
CEXT3
CEXT4
CT
CE
LOOUTP
LOOUTN
CHARGE
PUMP
VCM
VTUNE
PA MODULE
MxFE
SHA
SHA
ADC
AGC
DIGITAL
CONTROL
DAC
DAC
24-BIT
INPUT SHIFT
REGISTER
CLK
DATA
LE
EN
Rx BASEBAND
Tx BASEBAND
BALUN
BALUN
AUX
DAC
AUX
DAC
AUX
DAC
ADF9010
RXVDD
Figure 27. Applications Diagram
The diagram in Figure 27 shows the ADF9010 in an RFID appli-
cation. The demodulator is driven by the LOOUTx pins of the
ADF9010. This demodulator produces quadrature baseband
signals that are gained up in the ADF9010 Rx filters. These
filtered analog baseband signals are then digitized by the ADC
on a mixed signal front-end (MxFE) part. The digital signals
are then processed by DSP.
On the transmit side, the MxFE generates quadrature analog
baseband signals, which are upconverted to RF using the inte-
grated PLL and VCO. The modulated RF signals are combined
using a balun and gained up to 30 dBm by a power amplifier.
DEMODULATOR CONNECTION
To receive the back-scattered signals from an RFID tag,
the ADF9010 needs to be used with a high dynamic range
demodulator, such as the ADL5382 that is suitable for RFID
applications. Some extra filtration is provided by the optional
shunt capacitors and series inductors. Due to the large self-
blocker, a 100 nF capacitor removes the dc generated by the
self-blocker inherent to RFID systems. This system is used
on the EVAL-ADF9010EBZ1 evaluation board.
DEMOD
ADL5382
IHI
ILO
ADF9010
R
xINIP
R
xININ
0Ω
0Ω
100nF
100nF
47pF
1.2nF
Figure 28. ADL5382 to ADF9010 Rx Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com