Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 3 Page - Analog Devices

  ADF9010 Datasheet HTML 1Page - Analog Devices ADF9010 Datasheet HTML 2Page - Analog Devices ADF9010 Datasheet HTML 3Page - Analog Devices ADF9010 Datasheet HTML 4Page - Analog Devices ADF9010 Datasheet HTML 5Page - Analog Devices ADF9010 Datasheet HTML 6Page - Analog Devices ADF9010 Datasheet HTML 7Page - Analog Devices ADF9010 Datasheet HTML 8Page - Analog Devices ADF9010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADF9010
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TRANSMIT CHARACTERISTICS
AVDD = DVDD = 3.3 V ± 5%, AGND = DGND = GND = 0 V, TA = 25°C, dBm refers to 50 Ω, 1.4 V p-p differential sine waves in
quadrature on a 500 mV dc bias, baseband frequency = 1 MHz, unless otherwise noted.
Table 1.
Parameter
B Version1
Unit
Test Conditions/Comments
Min
Typ
Max
TRANSMIT MODULATOR CHARACTERISTICS
Operating Frequency Range
840
960
MHz
Range over which uncompensated sideband
suppression < −30 dBc
Output Power
3
dBm
VIQ = 1.4 V p-p differential
Output P1 dB
10
dBm
Carrier Feedthrough
−40
dBm
Sideband Suppression
−46
dBc
Output IP3
24
dBm
POUT = −4 dBm per tone, 10 MHz and 12 MHz
baseband input frequencies used.
Noise Floor
−158
dBm/Hz
TRANSMIT BASEBAND CHARACTERISTICS
Input Impedance of Each Pin
4
kΩ typ
Single-ended frequencies up to 2 MHz
Input Capacitance of Each Pin
3
pF
At 10 MHz
Input Signal Level
1.4
V p-p
Measured differentially at I or Q
Common-Mode Output Level
0.6
V
Tx Baseband 3 dB Bandwidth
20
MHz
POWER SUPPLIES
Voltage Supply
3.15
3.45
V
IDD
Digital IDD
5
6
mA
Rx Baseband
70
80
mA
Maximum gain settings
Tx Modulator
140
mA
Full power, baseband inputs biased at 0.5 V
LO Synthesizer and VCO
140
mA
+ 5 dBm LO power setting selected
Total IDD
360
410
mA
Power-Down
Rx VDD
1
mA
AVDD
1
20
μA
DVDD
1
20
μA
LOGIC INPUTS (SERIAL INTERFACE)
Input High Voltage, VINH
1.4
V
1.8 V logic compatible
Input Low Voltage, VINL
0.4
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
5
pF
LOGIC OUTPUTS (MUXOUT)
Output High Voltage, VOH
DVDD − 0.4
V
IOL = 500 μA
Output Low Voltage, VOL
0.4
V
IOH = 500 μA
1 Operating temperature range for the B version is −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com