Electronic Components Datasheet Search
  English  ▼

X  

ADF9010 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 13Page - Analog Devices ADF9010 Datasheet HTML 14Page - Analog Devices ADF9010 Datasheet HTML 15Page - Analog Devices ADF9010 Datasheet HTML 16Page - Analog Devices ADF9010 Datasheet HTML 17Page - Analog Devices ADF9010 Datasheet HTML 18Page - Analog Devices ADF9010 Datasheet HTML 19Page - Analog Devices ADF9010 Datasheet HTML 20Page - Analog Devices ADF9010 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADF9010
Rev. 0 | Page 17 of 28
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R1
BSC1
BSC2
T1
T2
T3
CONTROL
BITS
13-BIT REFERENCE COUNTER
P2
P1
BAND
SELECT
CLOCK
P3
Tx MOD
LO PHASE
SELECT
LO PHASE
SELECT
X = DON’T
CARE
C3 (0) C2 (0) C1 (1)
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8 DB7
DB6
DB5
DB4
DB3 DB2
DB1
DB0
DB21
DB22
DB23
BSC2
BSC1
BAND SELECT CLOCK DIVIDER
0
0
NOT ALLOWED
0
1
NOT ALLOWED
1
0
NOT ALLOWED
11
8
THESE BITS ARE RESERVED AND SHOULD BE SET TO 1,1
R13
R12
R11
R3
R2
R1
DIVIDE RATIO
0
0
0
..........
..........
00
1
1
0
0
0
..........
0
1
0
2
0
0
0
..........
0
1
1
3
0
0
0
..........
1
0
0
4
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
8188
1
1
1
..........
1
0
1
8189
1
1
1
..........
1
1
0
8190
1
1
1
..........
1
1
1
8191
T3
T2
T1
OUTPUT
0
0
0
NORMAL QUADRATURE
0
0
1
I TO BOTH
0
1
0
Q TO BOTH
0
1
1
EXTERNAL LO, QUADRATURE
1
X
X
ALL OFF
P3
P2
P1
OUTPUT
00
0
I OUT
00
1
Q OUT
01
0
IB OUT
01
1
QB OUT
1
0
0
EXTERNAL I
1
0
1
EXTERNAL Q
1
1
0
EXTERNAL I TO PLL, OUT OFF
1
1
1
ALL OFF
Figure 23. Tx Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com