Electronic Components Datasheet Search
  English  ▼

X  

TMDS361 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 11Page - Texas Instruments TMDS361 Datasheet HTML 12Page - Texas Instruments TMDS361 Datasheet HTML 13Page - Texas Instruments TMDS361 Datasheet HTML 14Page - Texas Instruments TMDS361 Datasheet HTML 15Page - Texas Instruments TMDS361 Datasheet HTML 16Page - Texas Instruments TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments TMDS361 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Single-ended HIGH-level output voltage
AVCC = 3.3 V, RT = 50 Ω
AVCC – 10
AVCC + 10
mV
VOL
Single-ended LOW-level output voltage
AVCC – 600
AVCC – 400
mV
VSWING
Single-ended output voltage swing
400
600
mV
Change in steady-state common-mode
VOC(SS)
5
mV
output voltage between logic states
VOD(pp)
Peak-to-peak output differential voltage
800
1200
mV
V(O)SBY
Single-ended standby output voltage
AVCC – 10
AVCC + 10
mV
0 V
≤ VCC ≤ 1.5 V, AVCC = 3.3 V,
I(O)OFF
Single-ended power-down output current
–10
10
µA
RT = 50 Ω
IOS
Short-circuit output current
See Figure 16
-15
12
15
mA
VCD(pp)
Minimum valid clock differential voltage
Input TMDS clock frequency = 300
100
mV
(peak-to-peak)
MHz
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time
250
800
ps
tPHL
Propagation delay time
250
800
ps
tR1
Rise time, fastest mode (default setting):
84
110
140
ps
Fastest Setting
tF1
Fall time, fastest mode (default setting):
84
110
140
ps
Fastest Setting
tR2
Rise time, fastest mode + 50 ps
142
160
190
ps
(approximately)
tF2
Fall time, fastest mode + 50 ps
142
160
190
ps
AVCC = 3.3 V, RT = 50 Ω. See Figure 9 and
(approximately)
Figure 10.
tR3
Rise time, fastest mode + 100 ps
187
210
230
ps
(approximately)
tF3
Fall time, fastest mode + 100 ps
187
210
230
ps
(approximately)
tR4
Rise time, fastest mode + 120 ps
216
230
260
ps
(approximately): Slowest Setting
tF4
Fall time, fastest mode + 120 ps
216
230
260
ps
(approximately): Slowest Setting
tSK(P)
Pulse skew (see (2))
8
15
ps
tSK(D)
Intra-pair skew
AVCC = 3.3 V, RT = 50 Ω. See Figure 11.
10
30
ps
tSK(O)
Inter-pair skew (see (3))
100
ps
tJITD(PP)
Peak-to-peak output residual data jitter
AVCC = 3.3 V, RT = 50 Ω, dR = 2.25 Gbps.
40
88
ps
See Figure 14 for measurement setup;
residual jitter is the total jitter measured at
TTP4 minus the jitter measured at TTP1. See
Figure 15 for the loss profile of the cable used
for tJITD(PP) measurement. Also see Typical
Curves for tJITD(PP) across cable length and
input TMDS data rate.
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between tPLH and tPHL of a specified terminal.
(3)
tsk(o) is the magnitude of the difference in propagation delay times between any specified terminals of a sink-port bank when inputs of
the active source port are tied together.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com