Electronic Components Datasheet Search
  English  ▼

X  

TMDS361 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 16Page - Texas Instruments TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments TMDS361 Datasheet HTML 19Page - Texas Instruments TMDS361 Datasheet HTML 20Page - Texas Instruments TMDS361 Datasheet HTML 21Page - Texas Instruments TMDS361 Datasheet HTML 22Page - Texas Instruments TMDS361 Datasheet HTML 23Page - Texas Instruments TMDS361 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Input TMDS Data Rate − Gbps
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G005
TA =25°C, VCC = 3.3 V, VSadj = 4.02 kΩ
10 m, 28 AWG
HDMI Cable
20 m, 24 AWG
HDMI Cable
15 m, 26 AWG
HDMI Cable
3 m, 28 AWG
HDMI Cable
HDMI Cable Length
0
20
40
60
80
100
120
140
G007
TA = 25°C
VCC = 3.3 V
VSadj = 4.02 k
Ω
Input TMDS Data Rate = 2.25 Gbps
20 m
28 AWG
20 m
24 AWG
15 m
26 AWG
10 m
28 AWG
5 m
28 AWG
3 m
28 AWG
1 m
28 AWG
1 m
30 AWG
3 m
30 AWG
VSadj Resistance − k
Ω
0
200
400
600
800
1000
1200
1400
1600
3
4
5
6
7
G008
TA = 25°C
VCC = 3 V
VCC = 3.6 V
VCC = 3.3 V
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
AVCC = 3.3 V, RT = 50 Ω
PEAK-PEAK RESIDUAL DATA JITTER
PEAK-PEAK RESIDUAL DATA JITTER
vs
vs
INPUT TMDS DATA RATE
HDMI CABLE LENGTH
Figure 19.
Figure 20.
VOD(pp)
vs
VSadj
Figure 21.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com