Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 4 Page - Texas Instruments

Part # IRF7821
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IRF7821 Datasheet(HTML) 4 Page - Texas Instruments

  IRF7821 Datasheet HTML 1Page - Texas Instruments IRF7821 Datasheet HTML 2Page - Texas Instruments IRF7821 Datasheet HTML 3Page - Texas Instruments IRF7821 Datasheet HTML 4Page - Texas Instruments IRF7821 Datasheet HTML 5Page - Texas Instruments IRF7821 Datasheet HTML 6Page - Texas Instruments IRF7821 Datasheet HTML 7Page - Texas Instruments IRF7821 Datasheet HTML 8Page - Texas Instruments IRF7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS51123
SLUS890 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVERS
Source, VBSTx - DRVHx = 100 mV
4
8
RDRVH
DRVH resistance
Sink, VDRVHx - LLx = 100 mV
1.5
4
Ω
Source, VVREG5 - DRVLx = 100 mV
4
8
RDRVL
DRVL resistance
Sink, VDRVLx = 100 mV
1.5
4
DRVHx-off to DRVLx-on
10
TD
Dead time
ns
DRVLx-off to DRVHx-on
30
INTERNAL BST DIODE
VFBST
Forward voltage
VVREG5-VBSTx, IF = 10 mA, TA = 25 °C
0.7
0.8
0.9
V
IVBSTLK
VBST leakage current
VBSTx = 34 V, LLx = 28 V, TA = 25 °C
0.1
1
µA
DUTY AND FREQUENCY CONTROL
TON11
CH1 on time 1
VIN = 12 V, VO1 = 5 V, 200 kHz setting
2080
TON12
CH1 on time 2
VIN = 12 V, VO1 = 5 V, 245 kHz setting
1700
TON13
CH1 on time 3
VIN = 12 V, VO1 = 5 V, 300 kHz setting
1390
TON14
CH1 on time 4
VIN = 12 V, VO1 = 5 V, 365 kHz setting
1140
TON21
CH2 on time 1
VIN = 12 V, VO2 = 3.3 V, 250 kHz setting
1100
ns
TON22
CH2 on time 2
VIN = 12 V, VO2 = 3.3 V, 305 kHz setting
900
TON23
CH2 on time 3
VIN = 12 V, VO2 = 3.3 V, 375 kHz setting
730
TON24
CH2 on time 4
VIN = 12 V, VO2 = 3.3 V, 460 kHz setting
600
TON(min)
Minimum on time
TA = 25 °C
80
TOFF(min)
Minimum off time
TA = 25 °C
300
SOFTSTART
TSS
Internal SS time
Internal soft start
1.1
1.6
2.1
ms
POWERGOOD
PG in from lower
92.50%
95%
97.50%
VTHPG
PG threshold
PG in from higher
102.50%
105%
107.50%
PG hysteresis
2.50%
5%
7.50%
IPGMAX
PG sink current
PGOOD = 0.5 V
5
12
mA
TPGDEL
PG delay
Delay for PG in
350
510
670
µs
LOGIC THRESHOLD AND SETTING CONDITIONS
Shutdown
0.4
VEN0
EN0 setting voltage
V
Enable
2.4
IEN0
EN0 current
VEN0 = 0.2 V
2
3.5
5
µA
Shutdown
0.6
VENC
ENC threshold voltage
V
Enable
2
200 kHz/250 kHz
1.5
245 kHz/305 kHz
1.9
2.1
VTONSEL
TONSEL setting voltage
V
300 kHz/375 kHz
2.7
3.6
365 kHz/460 kHz
4.7
Auto skip
1.5
VSKIPSEL
SKIPSEL setting voltage
PWM only
1.9
2.1
V
OOA auto skip
2.7
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com