Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 13 Page - Texas Instruments

Part # IRF7821
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IRF7821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button IRF7821 Datasheet HTML 9Page - Texas Instruments IRF7821 Datasheet HTML 10Page - Texas Instruments IRF7821 Datasheet HTML 11Page - Texas Instruments IRF7821 Datasheet HTML 12Page - Texas Instruments IRF7821 Datasheet HTML 13Page - Texas Instruments IRF7821 Datasheet HTML 14Page - Texas Instruments IRF7821 Datasheet HTML 15Page - Texas Instruments IRF7821 Datasheet HTML 16Page - Texas Instruments IRF7821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SWITCHINGFREQUENCY
vs
OUTPUTCURRENT
0
100
200
300
400
500
0.001
0.01
0.1
1
10
I
OUT -OutputCurrent- A
TONSEL =5V
CH2 Auto-skip
CH2OOA
CH2PWMOnly
CH1PWMOnly
CH1 Auto-skip
CH1OOA
OVP/UVP THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
40
50
60
70
80
90
100
110
120
130
140
150
-50
0
50
100
150
TJ
- Junction Temperature - °C
VREG5 OUTPUT VOLTAGE
vs
OUTPUT CURRENT
4.90
4.95
5.00
5.05
0
20
40
60
80
100
IVREG5 - VREG5 Output Current - m A
VREG3 OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2
3.25
3.3
3.35
0
20
40
60
80
100
IVREG3 - VREG3 Output Current - m A
TPS51123
www.ti.com ........................................................................................................................................................................................... SLUS890 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 17.
Figure 18.
Figure 19.
Figure 20.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com