Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 2 Page - Texas Instruments

Part # IRF7821
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IRF7821 Datasheet(HTML) 2 Page - Texas Instruments

  IRF7821 Datasheet HTML 1Page - Texas Instruments IRF7821 Datasheet HTML 2Page - Texas Instruments IRF7821 Datasheet HTML 3Page - Texas Instruments IRF7821 Datasheet HTML 4Page - Texas Instruments IRF7821 Datasheet HTML 5Page - Texas Instruments IRF7821 Datasheet HTML 6Page - Texas Instruments IRF7821 Datasheet HTML 7Page - Texas Instruments IRF7821 Datasheet HTML 8Page - Texas Instruments IRF7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS51123
SLUS890 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
MINIMUM
TA
PACKAGE
PART NUMBER
PINS
TRANSPORT MEDIA
ECO PLAN
QUANTITY
TPS51123RGET
250
Green
Plastic Quad Flat Pack
-40°C to 85°C
24
Tape/Reel
(RoHS and
(QFN)
TPS51123RGER
3000
no Sb/Br)
(1)
For the most current spcifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at http://www.ti.com.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
UNIT
VBST1, VBST2
-0.3 to 36
VIN
-0.3 to 30
Input voltage range
LL1, LL2
-2.0 to 30
V
(1)
VBST1, VBST2 (2)
-0.3 to 6
EN0, ENC, TRIP1, TRIP2, VFB1, VFB2, VO1, VO2, TONSEL, SKIPSEL
-0.3 to 6
DRVH1, DRVH2
-1.0 to 36
Output voltage range
DRVH1, DRVH2 (2)
-0.3 to 6
V
(1)
PGOOD, VREG3, VREG5, VREF, DRVL1, DRVL2
-0.3 to 6
TJ
Junction temperature range
-40 to 125
°C
Tstg Storage temperature
-55 to 150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the corresponding LLx terminal.
2-oz. trace and copper pad with solder.
DERATING FACTOR ABOVE TA
PACKAGE
TA < 25°C POWER RATING
TA = 85°C POWER RATING
= 25°C
24 pin RGE(1)
1.85 W
18.5 mW/°C
0.74 W
(1)
Enhanced thermal conductance by 3 x 3 thermal vias beneath thermal pad.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Supply voltage
VIN
5.5
28
Input voltage range
VBST1, VBST2
-0.1
34
VBST1, VBST2 (wrt LLx)
-0.1
5.5
EN0, ENC, TRIP1, TRIP2, VFB1, VFB2, VO1, VO2,
-0.1
5.5
TONSEL, SKIPSEL
V
Output voltage range
DRVH1, DRVH2
-0.8
34
DRVH1, DRVH2 (wrt LLx)
-0.1
5.5
LL1, LL2
-1.8
28
VREF, VREG3, VREG5
-0.1
5.5
PGOOD, DRVL1, DRVL2
-0.1
5.5
TA
Operating free-air temperature
-40
85
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com