Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 1 Page - Texas Instruments

Part # IRF7821
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IRF7821 Datasheet(HTML) 1 Page - Texas Instruments

  IRF7821 Datasheet HTML 1Page - Texas Instruments IRF7821 Datasheet HTML 2Page - Texas Instruments IRF7821 Datasheet HTML 3Page - Texas Instruments IRF7821 Datasheet HTML 4Page - Texas Instruments IRF7821 Datasheet HTML 5Page - Texas Instruments IRF7821 Datasheet HTML 6Page - Texas Instruments IRF7821 Datasheet HTML 7Page - Texas Instruments IRF7821 Datasheet HTML 8Page - Texas Instruments IRF7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
7
8
9
10
24
23
22
21
VO1
PGOOD
VBST1
DRVH1
VO2
VREG3
VBST2
DRVH2
TPS51123RGE
(QFN-24)
11
12
20
19
LL1
DRVL1
LL2
DRVL2
13
14
15
16
17
18
6
5
4
3
2
1
PowerPAD
220 nF
20 kW
20 kW
30 kW
100 kW
VREG5
33 mF
5.1 W
0.1 mF
130 kW
130 kW
3.3 mF
330 mF
VO1
5 V
VIN
VREG5
ENC
VIN
10 mF x 2
VIN
5.5 V
to
28 V
EN0
5.1 W
0.1 mF
3.3 mF
330 mF
VO2
3.3 V
10 mF x 2
10 mF
13 kW
UDG-08167
VIN
TPS51123
www.ti.com ........................................................................................................................................................................................... SLUS890 – DECEMBER 2008
Dual-Synchronous, Step-Down Controller with Out-of-Audio™ Operation and 100-mA
LDOs for Notebook System Power
• Notebook Computers
2
• Wide-Input Voltage Range: 5.5 V to 28 V
• I/O Supplies
• Output Voltage Range: 2 V to 5.5 V
• System Power Supplies
• Built-in 100-mA 5-V/3.3-V LDO with Switches
• Built-in 1% 2-V Reference Output
• With/Without Out-of-Audio™ Mode Selectable
The TPS51123 is a cost effective, dual-synchronous
Light-Load and PWM only Operation
buck controller targeted for notebook system power
• Internal 1.6-ms Voltage Servo Softstart
supply solutions. It provides 5-V and 3.3-V LDOs and
• Adaptive On-Time Control Architecture with
requires few external components. The TPS51123
Four Selectable Frequency Setting
supports high efficiency, fast transient responses and
provides
a
combined
power-good
signal.
• 4500 ppm/°C R
DS(on) Current Sensing
Out-of-Audio™ mode light-load operation enables low
• Built-In Output Discharge
acoustic
noise
at
much
higher
efficiency
than
• Power Good Output
conventional
forced
PWM
operation.
Adaptive
on-time D-CAP™ control provides convenient and
• Built-in OVP/UVP/OCP
efficient operation. The part operates with supply
• Thermal Shutdown (Non-latch)
input voltages ranging from 5.5 V to 28 V and
• 24-Pin QFN (RGE) Package
supports output voltages from 2 V to 5.5 V. The
TPS51123 is available in a 24-pin QFN package and
is specified from -40°C to 85°C ambient temperature
range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Out-of-Audio, D-CAP are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - IRF7821

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
210Kb / 10P
Power MOSFET
IRF7821 IRF-IRF7821 Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
logo
Richtek Technology Corp...
IRF7821 RICHTEK-IRF7821 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
logo
Guangdong Youtai Semico...
IRF7821 UMW-IRF7821 Datasheet
499Kb / 9P
30V N-Channel MOSFET
More results

Similar Description - IRF7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com