Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 21 Page - Texas Instruments

Part # IRF7821
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IRF7821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button IRF7821 Datasheet HTML 17Page - Texas Instruments IRF7821 Datasheet HTML 18Page - Texas Instruments IRF7821 Datasheet HTML 19Page - Texas Instruments IRF7821 Datasheet HTML 20Page - Texas Instruments IRF7821 Datasheet HTML 21Page - Texas Instruments IRF7821 Datasheet HTML 22Page - Texas Instruments IRF7821 Datasheet HTML 23Page - Texas Instruments IRF7821 Datasheet HTML 24Page - Texas Instruments IRF7821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VREG5 Switch Over
VREG3 Switch Over
Powergood
Output Discharge Control
Low-Side Driver
High-Side Driver
TPS51123
www.ti.com ........................................................................................................................................................................................... SLUS890 – DECEMBER 2008
When the VO1 voltage becomes higher than 4.7 V AND channel-1 internal powergood flag is generated, internal
5-V LDO regulator is shut off and the VREG5 output is connected to VO1 by internal switch over MOSFET. The
510-
µs powergood delay helps a switch over without glitch.
When the VO2 voltage becomes higher than 3.15 V AND channel-2 internal powergood flag is generated,
internal 3.3-V LDO regulator is shut off and the VREG3 output is connected to VO2 by internal switch over
MOSFET. The 510-
µs powergood delay helps a switch over without glitch.
The TPS51123 has one powergood output that indicates 'high' when both switcher outputs are within the targets
(AND gated). The powergood function is activated with 2-ms internal delay after ENC goes high. If the output
voltage becomes within ±5% of the target value, internal comparators detect power good state and the
powergood signal becomes high after 510-
µs internal delay. Therefore PGOOD goes high around 2.5 ms after
ENC goes high. If the output voltage goes outside of ±10% of the target value, the powergood signal becomes
low after 2-
µs internal delay. The powergood output is an open drain output and is needed to be pulled up
outside.
Also note that, in the case of Auto-skip or Out-of-Audio™ mode, if the output voltage goes +10% above the
target value and the power-good signal flags low, then the loop attempts to correct the output by turning on the
low-side driver (forced PWM mode). After the feedback voltage returns to be within +5% of the target value and
the power-good signal goes high, the controller returns back to auto-skip mode or Out-of-Audio™ mode.
When ENC is low, the TPS51123 discharges outputs using internal MOSFET which is connected to VOx and
GND. The current capability of these MOSFETs is limited to discharge slowly.
The low-side driver is designed to drive high current low RDS(on) N-channel MOSFET(s). The drive capability is
represented by its internal resistance, which are 4
Ω for VREG5 to DRVLx and 1.5 Ω for DRVLx to GND. A dead
time to prevent shoot through is internally generated between top MOSFET off to bottom MOSFET on, and
bottom MOSFET off to top MOSFET on. 5-V bias voltage is delivered from VREG5 supply. The instantaneous
drive current is supplied by an input capacitor connected between VREG5 and GND. The average drive current
is equal to the gate charge at Vgs = 5 V times switching frequency. This gate drive current as well as the
high-side gate drive current times 5 V makes the driving power which need to be dissipated from TPS51123
package.
The high-side driver is designed to drive high current, low RDS(on) N-channel MOSFET(s). When configured as a
floating driver, 5-V bias voltage is delivered from VREG5 supply. The average drive current is also calculated by
the gate charge at Vgs = 5 V times switching frequency. The instantaneous drive current is supplied by the flying
capacitor between VBSTx and LLx pins. The drive capability is represented by its internal resistance, which are 4
Ω for VBSTx to DRVHx and 1.5Ω for DRVHx to LLx.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com