Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 6 Page - Texas Instruments

Part # IRF7821
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IRF7821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button IRF7821 Datasheet HTML 2Page - Texas Instruments IRF7821 Datasheet HTML 3Page - Texas Instruments IRF7821 Datasheet HTML 4Page - Texas Instruments IRF7821 Datasheet HTML 5Page - Texas Instruments IRF7821 Datasheet HTML 6Page - Texas Instruments IRF7821 Datasheet HTML 7Page - Texas Instruments IRF7821 Datasheet HTML 8Page - Texas Instruments IRF7821 Datasheet HTML 9Page - Texas Instruments IRF7821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
DEVICE INFORMATION
TPS51123
SLUS890 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Table 1. TERMINAL FUNCTIONS TABLE
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DRVH1
21
O
High-side N-channel MOSFET driver outputs. LL referenced drivers.
DRVH2
10
DRVL1
19
O
Low-side N-channel MOSFET driver outputs. GND referenced drivers.
DRVL2
12
Master enable input.
EN0
13
I/O
Open : LDOs on, and ready to turn both switcher channels.
GND : disable all circuit
Channel 1 and Channel 2 enable input. Pull up to the voltage ranging 3.3-V to 5-V to turn on both
ENC
18
I
switcher channels. Short to ground to shutdown them.
GND
15
–
Ground.
LL1
20
I
Switch node connections for high-side drivers, current limit and control circuitry.
LL2
11
PGOOD
23
O
Powergood window comparator output for channel 1 and 2. (Logical AND)
Selection pin for operation mode:
OOA auto skip : Connect to VREG3 or VREG5
SKIPSEL
14
I
PWM only: Connect to VREF
Auto skip: Connect to GND
TRIP1
1
I/O
OCL trip setting pins. Connect resistor from this pin to GND to set threshold for synchronous RDS(on)
sense.
TRIP2
6
On-time adjustment pin.
365 kHz/460 kHz setting: connect to VREG5
TONSEL
4
I
300 kHz/375 kHz setting: connect to VREG3
245 kHz/305 kHz setting: connect to VREF
200 kHz/250 kHz setting: connect to GND
VBST1
22
I
Supply input for high-side N-channel MOSFET driver (boost terminal).
VBST2
9
VFB1
2
I
SMPS feedback inputs. Connect with feedback resistor divider.
VFB2
5
VIN
16
I
High voltage power supply input for 5-V/3.3-V LDO.
VO1
24
Output connection to SMPS. These terminals work as fixed voltage inputs and output discharge
I/O
inputs. VO1 and VO2 also work as 5-V and 3.3-V switch over return power input respectively.
VO2
7
2-V reference voltage output. Connect 220-nF to 1-
µF ceramic capacitor to Signal GND near the
VREF
3
O
device.
3.3-V power supply output. Connect a 10-
µF ceramic capacitor to Power GND near the device. A
VREG3
8
O
1-
µF ceramic capacitor is acceptable when not loaded.
VREG5
17
O
5-V power supply output. Connect a 33-
µF ceramic capacitor to Power GND near the device.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com