Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
24
Table 16 shows the FLASH_BIU settings versus frequency of operation. Refer to the device reference
manual for definitions of these bit fields.
3.12
AC Specifications
3.12.1
Pad AC Specifications
Table 16. FLASH_BIU Settings vs. Frequency of Operation 1
1 Illegal combinations exist. Use entries from the same row in this table.
Maximum Frequency (MHz)
APC
RWSC
WWSC
DPFEN 2
2 For maximum flash performance, set to 0b11.
IPFEN 2
PFLIM 3
3 For maximum flash performance, set to 0b110.
BFEN 4
4 For maximum flash performance, set to 0b1.
Up to and including 82 MHz 5
5 82 MHz parts allow for 80 MHz system clock + 2% frequency modulation (FM).
0b001
0b001
0b01
0b00
0b01
0b11
0b00
0b01
0b11
0b000
to
0b110
0b0
0b1
Up to and including 102 MHz 6
6 102 MHz parts allow for 100 MHz system clock + 2% FM.
0b001
0b010
0b01
0b00
0b01
0b11
0b00
0b01
0b11
0b000
to
0b110
0b0
0b1
Up to and including 132 MHz 7
7 132 MHz parts allow for 128 MHz system clock + 2% FM.
0b010
0b011
0b01
0b00
0b01
0b11
0b00
0b01
0b11
0b000
to
0b110
0b0
0b1
Default setting after reset
0b111
0b111
0b11
0b00
0b00
0b000
0b0
Table 17. Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)
1
Spec
Pad
SRC / DSC
(binary)
Out Delay 2, 3, 4
(ns)
Rise / Fall 4, 5
(ns)
Load Drive
(pF)
1
Slow high voltage (SH)
11
26
15
50
82
60
200
01
75
40
50
137
80
200
00
377
200
50
476
260
200
2
Medium high voltage (MH)
11
16
8
50
43
30
200
01
34
15
50
61
35
200
00
192
100
50
239
125
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com