Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
38
3.13.7
eMIOS Timing
Figure 17. eMIOS Timing
3.13.8
DSPI Timing
Table 25. eMIOS Timing 1
1 eMIOS timing specified at: V
DDEH = 3.0–5.25 V and TA = TL to TH.
Spec
Characteristic
Symbol
Min.
Max.
Unit
1
eMIOS input pulse width
tMIPW
4—
tCYC
2
eMIOS output pulse width
tMOPW
1 2
2 This specification does not include the rise and fall times. When calculating the minimum eMIOS pulse width, include the rise
and fall times defined in the slew rate control field (SRC) in the pad configuration register (PCR).
—tCYC
Table 26. DSPI Timing1’ 2
Spec
Characteristic
Symbol
80 MHz
112 MHz
132 MHz
Unit
Min.
Max.
Min.
Max.
Min.
Max.
1
SCK cycle time3, 4
tSCK
24.4 ns
2.9 ms
17.5 ns
2.1 ms
15.2 ns
1.7 ms
—
2
PCS to SCK delay5
tCSC
23
—
15
—
13
—
ns
3
After SCK delay6
tASC
22
—
14
—
12
—
ns
4
SCK duty cycle
tSDC
(tSCK ÷ 2)
– 2 ns
(tSCK ÷ 2)
+ 2 ns
(tSCK ÷ 2)
– 2 ns
(tSCK ÷ 2)
+ 2 ns
(tSCK ÷ 2)
– 2 ns
(tSCK ÷ 2)
+ 2 ns
ns
5
Slave access time
(SS active to SOUT driven)
tA
—
25
—
25
—
25
ns
6
Slave SOUT disable time
(SS inactive to SOUT Hi-Z, or invalid)
tDIS
—
25
—
25
—
25
ns
7PCSx to PCSS time
tPCSC
4—
4
—
4
—
ns
8PCSS to PCSx time
tPASC
5—
5
—
5
—
ns
1
2
eMIOS
output
eMIOS input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com